Electronic Components Datasheet Search |
|
NDF02N60Z Datasheet(PDF) 1 Page - ON Semiconductor |
|
NDF02N60Z Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2015 January, 2014 − Rev. 8 1 Publication Order Number: NDF02N60Z/D NDF02N60Z, NDD02N60Z N-Channel Power MOSFET 600 V, 4.8 W Features • Low ON Resistance • Low Gate Charge • ESD Diode−Protected Gate • 100% Avalanche Tested • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted) Rating Symbol NDF NDD Unit Drain−to−Source Voltage VDSS 600 V Continuous Drain Current RqJC (Note 1) ID 2.4 2.2 A Continuous Drain Current RqJC TA = 100°C (Note 1) ID 1.6 1.4 A Pulsed Drain Current, VGS @ 10 V IDM 10 9 A Power Dissipation RqJC PD 24 57 W Gate−to−Source Voltage VGS ±30 V Single Pulse Avalanche Energy, ID = 2.4 A EAS 120 mJ ESD (HBM) (JESD 22−A114) Vesd 2500 V RMS Isolation Voltage (t = 0.3 sec., R.H. ≤ 30%, TA = 25°C) (Figure 17) VISO 4500 V Peak Diode Recovery (Note 2) dv/dt 4.5 V/ns Continuous Source Current (Body Diode) IS 2.4 A Maximum Temperature for Soldering Leads TL 260 °C Operating Junction and Storage Temperature Range TJ, Tstg −55 to 150 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. Limited by maximum junction temperature 2. ISD = 2.4 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C www.onsemi.com VDSS RDS(on) (MAX) @ 1 A 600 V 4.8 W N−Channel G (1) D (2) S (3) NDD02N60ZT4G DPAK CASE 369AA 1 2 3 4 NDD02N60Z−1G IPAK CASE 369D 1 2 3 4 See detailed ordering, marking and shipping information on page 7 of this data sheet. ORDERING AND MARKING INFORMATION 1 2 3 NDF02N60ZG, NDF02N60ZH TO−220FP CASE 221AH |
Similar Part No. - NDF02N60Z_14 |
|
Similar Description - NDF02N60Z_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |