Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF05N50ZG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NDF05N50ZG
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF05N50ZG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NDF05N50ZG Datasheet HTML 2Page - ON Semiconductor NDF05N50ZG Datasheet HTML 3Page - ON Semiconductor NDF05N50ZG Datasheet HTML 4Page - ON Semiconductor NDF05N50ZG Datasheet HTML 5Page - ON Semiconductor NDF05N50ZG Datasheet HTML 6Page - ON Semiconductor NDF05N50ZG Datasheet HTML 7Page - ON Semiconductor NDF05N50ZG Datasheet HTML 8Page - ON Semiconductor NDF05N50ZG Datasheet HTML 9Page - ON Semiconductor NDF05N50ZG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NDF05N50Z, NDD05N50Z
www.onsemi.com
7
ORDERING INFORMATION
Order Number
Package
Shipping
NDF05N50ZG
TO−220FP
(Pb−Free, Halogen−Free)
50 Units / Rail
NDF05N50ZH
TO−220FP
(Pb−Free, Halogen−Free)
50 Units / Rail
NDD05N50Z−1G
IPAK
(Pb−Free, Halogen−Free)
75 Units / Rail
NDD05N50ZT4G
DPAK
(Pb−Free, Halogen−Free)
2500 / Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
A
= Location Code
Y
= Year
WW = Work Week
G, H = Pb−Free, Halogen−Free Package
NDF05N50ZG
or
NDF05N50ZH
AYWW
Gate
Source
Drain
1
Gate
2
Drain 3
Source
4
Drain
4
Drain
2
Drain
1
Gate
3
Source
TO−220FP
IPAK
DPAK


Similar Part No. - NDF05N50ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF05N50ZG ONSEMI-NDF05N50ZG Datasheet
166Kb / 9P
   N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
NDF05N50ZG ONSEMI-NDF05N50ZG Datasheet
144Kb / 12P
   N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
More results

Similar Description - NDF05N50ZG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com