Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF06N60Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDF06N60Z
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF06N60Z Datasheet(HTML) 1 Page - ON Semiconductor

  NDF06N60Z Datasheet HTML 1Page - ON Semiconductor NDF06N60Z Datasheet HTML 2Page - ON Semiconductor NDF06N60Z Datasheet HTML 3Page - ON Semiconductor NDF06N60Z Datasheet HTML 4Page - ON Semiconductor NDF06N60Z Datasheet HTML 5Page - ON Semiconductor NDF06N60Z Datasheet HTML 6Page - ON Semiconductor NDF06N60Z Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
NDF06N60Z/D
NDF06N60Z
N-Channel Power MOSFET
600 V, 1.2 W
Features
Low ON Resistance
Low Gate Charge
ESD Diode−Protected Gate
100% Avalanche Tested
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
600
V
Continuous Drain Current, RqJC (Note 1)
ID
7.1
A
Continuous Drain Current
TA = 100°C, RqJC (Note 1)
ID
4.5
A
Pulsed Drain Current,
VGS @ 10 V
IDM
28
A
Power Dissipation, RqJC
PD
35
W
Gate−to−Source Voltage
VGS
±30
V
Single Pulse Avalanche Energy, L = 6.3 mH,
ID = 6.0 A
EAS
113
mJ
ESD (HBM) (JESD22−A114)
Vesd
3000
V
RMS Isolation Voltage
(t = 0.3 sec., R.H. ≤ 30%,
TA = 25°C) (Figure 13)
VISO
4500
V
Peak Diode Recovery (Note 2)
dv/dt
4.5
V/ns
MOSFET dV/dt
dV/dt
60
V/ns
Continuous Source Current (Body Diode)
IS
6.0
A
Maximum Temperature for Soldering Leads
TL
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Limited by maximum junction temperature
2. ISD = 6.0 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C
N−Channel
www.onsemi.com
VDSS (@ TJmax)RDS(ON) (MAX) @ 3 A
650 V
1.2 Ω
G (1)
D (2)
S (3)
See detailed ordering, marking and shipping information on
page 6 of this data sheet.
ORDERING AND MARKING INFORMATION
NDF06N60ZG,
NDF06N60ZH
TO−220FP
CASE 221AH
1
2
3


Similar Part No. - NDF06N60Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF06N60Z ONSEMI-NDF06N60Z Datasheet
143Kb / 6P
   NDP06N60Z
June, 2009 ??Rev. 0
NDF06N60Z ONSEMI-NDF06N60Z Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
logo
Inchange Semiconductor ...
NDF06N60Z ISC-NDF06N60Z Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF06N60ZG ONSEMI-NDF06N60ZG Datasheet
143Kb / 6P
   NDP06N60Z
June, 2009 ??Rev. 0
NDF06N60ZG ONSEMI-NDF06N60ZG Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
More results

Similar Description - NDF06N60Z

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com