Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTA4001N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTA4001N
Description  Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTA4001N Datasheet(HTML) 3 Page - ON Semiconductor

  NTA4001N_11 Datasheet HTML 1Page - ON Semiconductor NTA4001N_11 Datasheet HTML 2Page - ON Semiconductor NTA4001N_11 Datasheet HTML 3Page - ON Semiconductor NTA4001N_11 Datasheet HTML 4Page - ON Semiconductor NTA4001N_11 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTA4001N, NVA4001N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
0.4
0.8
1.2
1.6
2
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−region Characteristics
VGS = 10 V
VGS = 5 V
VGS = 2.8 V
VGS = 2 V
VGS = 2.4 V
VGS = 1.4 V
VGS = 1.2 V
.
TJ = 25°C
0
0.04
0.08
0.12
0.16
0.2
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
TJ = 25°C
TJ = −55°C
TJ = 125°C
VDS = 5 V
0.5
1
1.5
2
2.5
0
0.05
0.1
0.15
0.2
ID, DRAIN CURRENT (A)
Figure 3. On−resistance versus Drain Current
and Temperature
VGS = 4.5 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
0.5
1
1.5
2
2.5
0
0.05
0.1
0.15
0.2
ID, DRAIN CURRENT (A)
Figure 4. On−resistance versus Drain Current
and Gate Voltage
VGS = 2.5 V
VGS = 4.5 V
TJ = 25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−resistance Variation with
Temperature
ID = 0.01 A
VGS = 4.5 V
0
5
10
15
20
1
10
100
1000
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
TJ = 125°C
TJ = 150°C
VGS = 0 V


Similar Part No. - NTA4001N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001NT1 ONSEMI-NTA4001NT1 Datasheet
61Kb / 6P
   Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTA4001NT1G ONSEMI-NTA4001NT1G Datasheet
61Kb / 6P
   Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
logo
ATMEL Corporation
NTA4001NT1G ATMEL-NTA4001NT1G Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results

Similar Description - NTA4001N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com