Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7092 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 2Page - STMicroelectronics TEA7092 Datasheet HTML 3Page - STMicroelectronics TEA7092 Datasheet HTML 4Page - STMicroelectronics TEA7092 Datasheet HTML 5Page - STMicroelectronics TEA7092 Datasheet HTML 6Page - STMicroelectronics TEA7092 Datasheet HTML 7Page - STMicroelectronics TEA7092 Datasheet HTML 8Page - STMicroelectronics TEA7092 Datasheet HTML 9Page - STMicroelectronics TEA7092 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
25
100k
100k
Ip
Internal Amp-op
Current Supply
26
C8
+
C14
+
±1mA
V
REF
V
CC
29
I
REF
R2
30k
Internal
I
REF
300mV
R10
R11a + R11b
3 VL
From Line
The sum of all the currents on Pin 26 (V
CC) is equal to 1.3mA
(without ac receive signal)
Figure 1 :
VREF (Pin 25) : Transmit and Receive Reference Voltage (VCC/2)
VCC (Pin 26) : Transmit and Receive Power Supply
IREF (Pin 29) : Internal Reference Current
30
C11
225k
V
S
V
CC
R3
31
SLPE
R12
3
V
L
MIRROR
1.5
1
I
L/85
(to transmit
channel)
V
CC
50
µA
V
CC
11
µA
kIL =
I
L - 5.6mA
Rslope = R3/55
V
L = R12 x (40 + 0.5 x IL)E
-6
+ Rslope (I
L - 5.6) E
-3
;I
L in mA (for IL < 20mA)
V
L =VL (at 20mA) + Rslope x (IL -20) E
-3
;I
L in mA (for IL > 20mA)
1016
kIL =
I
L - 5.6mA
1016
Figure 2 :
SLPE (Pin 31) : DC Mask Slope
VS (Pin 30) : Shunt Regulator
I - TEA7092 GENERAL INFORMATION (continued)
I.4 - Input / Output Configurations
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
6/57


Similar Part No. - TEA7092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7092TQ STMICROELECTRONICS-TEA7092TQ Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7092TQT STMICROELECTRONICS-TEA7092TQT Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
More results

Similar Description - TEA7092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1705A TI-TCM1705A Datasheet
551Kb / 12P
[Old version datasheet]   TCM1705A INTEGRATED SPEECH CIRCUIT FOR TELEPHONE SET
logo
NTE Electronics
NTE1648 NTE-NTE1648 Datasheet
27Kb / 3P
   Integrated Circuit Telephone Tone Ringer
NTE1690 NTE-NTE1690 Datasheet
31Kb / 4P
   Integrated Circuit Telephone DTMF Dialer
NTE1693 NTE-NTE1693 Datasheet
25Kb / 3P
   Integrated Circuit Telephone Pulse Dialer (CMOS)
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
logo
NTE Electronics
NTE1691 NTE-NTE1691 Datasheet
28Kb / 3P
   Integrated Circuit Telephone Pulse Dialer w/Redial
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
logo
Sanyo Semicon Device
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
logo
Panasonic Semiconductor
KX-TS500MX PANASONIC-KX-TS500MX Datasheet
96Kb / 2P
   Integrated Telephone System
logo
Rohm
BA8206 ROHM-BA8206 Datasheet
96Kb / 6P
   Tone ringer IC for telephone set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com