Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFFHV16MT2637 Datasheet(PDF) 2 Page - AVX Corporation

Part # DFFHV16MT2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV16MT2637 Datasheet(HTML) 2 Page - AVX Corporation

  DFFHV16MT2637 Datasheet HTML 1Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 2Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 3Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 4Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 5Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 6Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 7Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 8Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
56
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
DEFINITIONS
Cn (μF)
capacitance
nominal value of the capacitance measured at
θamb = 25 ± 10°C
maximum operating peak voltage of either polarity (non-reversing
Un (V)
rated DC voltage
type waveform), for which the capacitor has been designed for
continuous operation
Uw (V)
working voltage
value of the maximum operating recurrent voltage for a given hot
spot temperature and an expected lifetime
Ur (V)
ripple voltage
peak-to-peak alternating component of the unidirectional voltage
Ls (nH)
parasitic inductance
capacitor series self-inductance
Rs (mΩ)
series resistance
capacitor series resistance due to galvanic circuit
rms current value @ 100Hz for continuous operation under natural
Irms (A)
RMS current
convection generating 20°C overheating (255Arms maximum for 2
Thermal 1
connexions or terminals and 400Arms maximum for 4 connexions
or terminals)
rms current value @ 100Hz for continuous operation under forced
Irms (A)
RMS current
air generating 20°C overheating (255Arms maximum for 2
Thermal 2
connexions or terminals and 400Arms maximum for 4 connexions
or terminals)
temperature of the cooling air measured at the hottest position of
the capacitor, under steady-state conditions, midway between
θamb (°C) cooling air temperature two units
NOTE If only one unit is involved, it is the temperature measured
at a point approximately 0.1 m away from the capacitor container and at two-thirds of
the height from its base
θHS (°C)
hot spot temperature
highest temperature obtained inside the case of the capacitor in
thermal equilibrium
CHARACTERISTICS
Capacitance range Cn
590μF to 12600μF
Tolerance on Cn
±10%
Rated DC voltage Un
1500 to 3000V
Lifetime at Un and 70°C
hot-spot temperature
100,000h
and
ΔC / C < 2%
Parasitic inductance Ls
27nH to 88nH
Maximum rms current Irms
up to 400Arms
Test voltage between terminals
1.5 x Un for 10s
@ 25°C
Test voltage between terminals
7kVrms @ 50Hz
and Case @ 25°C
for 10s
Dielectric
polypropylene
Climatic Category
40 / 85 / 56
(IEC 60068)
Working temperature
-40°C / +85°C
(according to the
power dissipated)
Storage temperature
-40°C / +85°C
Calorific value
34 MJ/kg
LIFETIME EXPECTANCY VS HOT SPOT TEMPERATURE AND VOLTAGE
1.5
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
100
1,000
10,000
100,000
1,000,000
Lifetime Expectancy (hours)
θHS = 60ºC
θHS = 70ºC
θHS = 80ºC
θHS = 85ºC


Similar Part No. - DFFHV16MT2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV16MT2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com