Electronic Components Datasheet Search |
|
SR0402KK-13100RL Datasheet(PDF) 2 Page - YAGEO Corporation |
|
SR0402KK-13100RL Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 12 page SERIES YC/TC 102 to 358 Chip Resistor Surface Mount www.yageo.com Feb. 16, 2017 V.5 Product specification 2 12 Y YA AG GEEO O B BR RA AN ND D oorrddeerriinngg ccooddee GLOBAL PART NUMBER (PREFERSRED) YC XXX – X X X XX XXXX L/T TC (1) (2) (3) (4) (5) (6) (7) (1) SIZE YC:102/104/122/124/162/164/248/324/158T/358L/358T TC: 122/124/164 (2) TOLERANCE F = ± 1% J = ± 5% (for Jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper taping reel K = Embossed plastic tape reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Base on spec (5) TAPING REEL 07 = 7 inch dia. Reel 13 = 13 inch dia. Reel (6) RESISTANCE VALUE There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point. Detailed resistance rules show in table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is the system default code for ordering only. (Note) Letter T is the only default code for YC102. ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC Both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes YC (convex, flat) and TC (concave) series chip resistor arrays with lead- free terminations made by thick film process. APPLICATIONS Terminal for SDRAM and DDRAM Computer applications: laptop computer, desktop computer Consume electronic equipments: PDAs, PNDs Mobile phone, telecom… FEATURES More efficient in pick & place application Low assembly costs RoHS compliant Products with lead free terminations meet RoHS requirements Pb-glass contained in electrodes Resistor element and glass are exempted by RoHS Reducing environmentally hazardous wastes High component and equipment reliability Saving of PCB space None forbidden-materials used in products/production Halogen Free Epoxy ORDERING EXAMPLE The ordering code of a YC122 convex chip resistor array, value 1,000 Ω with ±5% tolerance, supplied in 7-inch tape reel is: YC122-JR-071KL. NOTE 1. All our RSMD products meet RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added (both are on customer request) Resistance rule of global part number Resistance code rule Example 0R 0R = Jumper XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XM (1 MΩ) 1M = 1,000,000 Ω |
Similar Part No. - SR0402KK-13100RL |
|
Similar Description - SR0402KK-13100RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |