Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24159 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24159
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24159 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24159 Datasheet HTML 7Page - Texas Instruments BQ24159 Datasheet HTML 8Page - Texas Instruments BQ24159 Datasheet HTML 9Page - Texas Instruments BQ24159 Datasheet HTML 10Page - Texas Instruments BQ24159 Datasheet HTML 11Page - Texas Instruments BQ24159 Datasheet HTML 12Page - Texas Instruments BQ24159 Datasheet HTML 13Page - Texas Instruments BQ24159 Datasheet HTML 14Page - Texas Instruments BQ24159 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Not Recommended for New Designs bq24153A, bq24156A, bq24159
11
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0D – OCTOBER 2010 – REVISED APRIL 2016
Product Folder Links: bq24153A bq24156A bq24158 bq24159
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
WEAK BATTERY DETECTION
Deglitch time for weak battery
threshold
Rising voltage, 2-mV over drive,
tRISE = 100 ns
30
ms
CHARGE TERMINATION DETECTION
Deglitch time for charge termination
Both rising and falling, 2-mV
overdrive,
tRISE, tFALL = 100 ns
30
ms
BAD ADAPTER DETECTION
Deglitch time for VBUS rising above
VIN(min)
Rising voltage, 2-mV overdrive,
tRISE = 100 ns
30
ms
tINT
Detection Interval
Input power source detection
2
s
BATTERY RECHARGE THRESHOLD
Deglitch time
V(SCOUT) decreasing below
threshold,
tFALL = 100 ns, 10-mV overdrive
130
ms
BATTERY DETECTION
tDETECT
Battery detection time
262
ms
SLEEP COMPARATOR
Deglitch time for VBUS rising above
V(SLP) + V(SLP_EXIT)
Rising voltage, 2-mV overdrive,
tRISE = 100 ns
30
ms
UNDERVOLTAGE LOCKOUT (UVLO)
Power up delay
140
ms
PROTECTION
t32S
32 second watchdog (WD) timer
32 Second or HOST mode
15
32
40
s
t15M
15 minute safety timer
15 Minute mode
12
15
m


Similar Part No. - BQ24159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24159 TI-BQ24159 Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24159 TI1-BQ24159 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24159 TI1-BQ24159 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24159YFFR TI-BQ24159YFFR Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24159YFFT TI-BQ24159YFFT Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
More results

Similar Description - BQ24159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com