Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24159YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24159YFFT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24159YFFT Datasheet(HTML) 4 Page - Texas Instruments

  BQ24159YFFT Datasheet HTML 1Page - Texas Instruments BQ24159YFFT Datasheet HTML 2Page - Texas Instruments BQ24159YFFT Datasheet HTML 3Page - Texas Instruments BQ24159YFFT Datasheet HTML 4Page - Texas Instruments BQ24159YFFT Datasheet HTML 5Page - Texas Instruments BQ24159YFFT Datasheet HTML 6Page - Texas Instruments BQ24159YFFT Datasheet HTML 7Page - Texas Instruments BQ24159YFFT Datasheet HTML 8Page - Texas Instruments BQ24159YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Not Recommended for New Designs bq24153A, bq24156A, bq24159
4
bq24153A, bq24156A
bq24158, bq24159
SLUSAB0D – OCTOBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: bq24153A bq24156A bq24158 bq24159
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Description (Continued)
The IC charges the battery in three phases: conditioning, constant current and constant voltage. The input
current is automatically limited to the value set by the host. Charge is terminated based on battery voltage and
user-selectable minimum current level. A safety timer with reset control provides a safety backup for I2C
interface. During normal operation, The IC automatically restarts the charge cycle if the battery voltage falls
below an internal threshold and automatically enters sleep mode or high impedance mode when the input supply
is removed. The charge status can be reported to the host using the I2C interface. During the charging process,
the IC monitors its junction temperature (TJ) and reduces the charge current once TJ increases to about 125°C.
To support USB OTG device, bq24153A/8 can provide VBUS (5.05 V) by boosting the battery voltage. The IC is
available in 20-pin WCSP package.
(1)
See Application Section for more explanation and calculations on using different sense resistors.
6 Device Comparisons
PART NUMBER
bq24153A
bq24156A
bq24158
bq24159
VOVP (V)
6.5
9.8
6.5
9.8
D4 Pin Definition
OTG
SLRST
OTG
SLRST
ICHARGE(MAX) at POR in 15-minute mode with
R(SNS) = 68 mΩ (55 mΩ) and OTG=High on bq24153A/8
(mA)
325 (402)
325 (N/A)
325 (402)
325 (N/A)
ICHARGE(MAX) in HOST mode with R(SNS) = 68 mΩ (55 mΩ)
and Safety Limit Register increased from default (A) (1)
1.25 (1.55A)
1.55 (N/A)
1.25 (1.55A)
1.55(N/A)
1.55
N/A
1.55
N/A
Output regulation voltage at POR (V)
3.54
3.54
3.54
3.54
Boost Function
Yes
No
Yes
No
Input Current Limit in 15Min Mode
100mA (OTG=LOW);
500mA (OTG=High)
500mA
100mA (OTG=LOW);
500mA (OTG=High)
500mA
Battery Detection at Power Up
Yes
Yes
No
No
I2C Address
6BH
6AH
6AH
6AH
PN1 (bit4 of 03H)
1
0
1
0
PN0 (bit3 of 03H)
0
0
0
0
Safety Timer and WD Timer
Enabled
Enabled
Enabled
Enabled


Similar Part No. - BQ24159YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24159YFFT TI-BQ24159YFFT Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
More results

Similar Description - BQ24159YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com