Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC5682Z
Description  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682Z Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5682Z_17 Datasheet HTML 5Page - Texas Instruments DAC5682Z_17 Datasheet HTML 6Page - Texas Instruments DAC5682Z_17 Datasheet HTML 7Page - Texas Instruments DAC5682Z_17 Datasheet HTML 8Page - Texas Instruments DAC5682Z_17 Datasheet HTML 9Page - Texas Instruments DAC5682Z_17 Datasheet HTML 10Page - Texas Instruments DAC5682Z_17 Datasheet HTML 11Page - Texas Instruments DAC5682Z_17 Datasheet HTML 12Page - Texas Instruments DAC5682Z_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
DAC5682Z
www.ti.com
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
Electrical Characteristics — DC Specification (continued)
over operating free-air temperature range , AVDD = 3.3 V, CLKVDD = 1.8 V, IOVDD = 3.3 V, DVDD = 1.8 V, IoutFS = 20 mA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
AVDD
V
Output Compliance range(3)
IOUTFS = 20 mA
–0.5V
+ 0.5V
Output resistance
300
k
Output capacitance
5
pF
REFERENCE OUTPUT
Vref
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
CONFIG6: BiasLPF_A and BiasLPF_B = 0
95
Small signal bandwidth
kHz
CONFIG6: BiasLPF_A and BiasLPF_B = 1
472
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
FSR/°C
With external reference
±15
ppm of
Gain drift
FSR/°C
With internal reference
±30
Reference voltage drift
±8
ppm/°C
POWER SUPPLY
Analog supply voltage, AVDD
3.0
3.3
3.6
V
Digital supply voltage, DVDD
1.7
1.8
1.9
V
Clock supply voltage, CLKVDD
1.7
1.8
1.9
V
I/O supply voltage, IOVDD
3.0
3.3
3.6
V
I(AVDD)
Analog supply current
133
mA
I(DVDD)
Digital supply current
455
mA
Mode 4 (below)
I(CLKVDD)
Clock supply current
45
mA
I(IOVDD)
IO supply current
12
mA
I(AVDD)
Sleep mode, AVDD supply current
1.0
mA
I(DVDD)
Sleep mode, DVDD supply current
1.5
mA
Mode 6 (below)
Sleep mode, CLKVDD supply
I(CLKVDD)
2.5
mA
current
I(IOVDD)
Sleep mode, IOVDD supply current
2.0
mA
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5682Z device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(4)
Use an external buffer amplifier with high impedance input to drive any external load.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC5682Z


Similar Part No. - DAC5682Z_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC5682Z_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com