Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682Z Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
DAC5682Z
www.ti.com
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
DVDD(2)
–0.5
2.3
V
VFUSE(2)
–0.5
2.3
V
Supply voltage
CLKVDD(2)
–0.5
2.3
V
AVDD(2)
–0.5
4
V
IOVDD(2)
–0.5
4
V
AVDD to DVDD
–2
2.6
V
CLKVDD to DVDD
–0.5
0.5
V
IOVDD to AVDD
–0.5
0.5
V
D[15..0]P ,D[15..0]N, SYNCP, SYNCN (2)
–0.5
DVDD +
V
0.5
DCLKP, DCLKN(2)
–0.3
2.1
V
CLKIN, CLKINC(2)
–0.5
CLKVDD
V
Supply voltage
+ 0.5
SDO, SDIO, SCLK, SDENB, RESETB (2)
–0.5
IOVDD +
V
0.5
IOUTA1/B1, IOUTA2/B2 (2)
–0.5
AVDD +
V
0.5
LPF, EXTIO, EXTLO, BIASJ (2)
–0.5
AVDD +
V
0.5
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature, TA: DAC5682Z
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under Recommended Operating Conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
3
3.3
3.6
V
DVDD
1.7
1.8
1.9
V
CLKVDD
1.7
1.8
1.9
V
IOVDD
3
3.3
3.6
V
ANALOG OUTPUT
IOUTA1, IOUTA2, IOUTB1, IOUTB2
0
20
20
mA
V IOUTA1, IOUTA2, IOUTB1, IOUTB2 Compliance voltage
AVDD-0.5
AVDD+0.5
V
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC5682Z


Similar Part No. - DAC5682Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGC25 TI-DAC5682ZIRGC25 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5682Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com