Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRH12107FM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CRH12107FM
Description  HIGH RESISTANCE VALUE CHIP RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRH12107FM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CRH12107FM Datasheet HTML 1Page - American Accurate Components, Inc. CRH12107FM Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
HIGH RESISTANCE VALUE CHIP RESISTORS
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
HOW TO ORDER
CRH
10-
107
K
M
Packaging
M = 7” Reel
B = Bulk Case
Tolerance (%)
P = +50
N = +30
M = +20
K = +10
J = +5
G = +2
F = +1
EIA Resistance Code
Three digits for > 5% tolerance
Four digits for 1% tolerance
Size
05 = 0402
16 = 0603
10 = 0805
18 = 1206
14 = 1210
12 = 2010
01 = 2512
Series
High ohm chip resistors
Termination Sn
SCHEMATIC
CRH
CRH-A, CRH-B
DIMENSIONS (mm)
Series
Size
L
W
t
a
b
Package Qty
CRH05
0402
1.0 ± 0.05
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.1
0.25
+0.05
-0.10
10,000
CRH05B
0402
1.0 ± 0.05
0.50 ± 0.05
0.30 ± 0.05
0.20 ± 0.1
0.25
+0.05
-0.10
10,000
CRH16
0603
1.60 ± 0.15
0.80 ± 0.15
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
5,000
CRH16A
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.20 ± 0.10
0.20 ± 0.10
CRH16B
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
CRH10
0805
2.10 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.40 ± 0.20
0.40 MAX
5,000
CRH10A
2.00 ± 0.20
1.25 ± 0.20
0.50 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
CRH10B
2.00 ± 0.20
1.25 ± 0.10
0.50 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
CRH18
1206
3.10 ± 0.15
1.55 ± 0.15
0.55 ± 0.10
0.50 ± 0.20
0.50 MAX
5,000
CRH18A
3.20 ± 0.20
1.60 ± 0.20
0.55 ± 0.10
0.50 ± 0.30
0.50 ± 0.30
CRH18B
3.20
+0.05
-0.20
1.60
+0.05
-0.15
0.60 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
CRH14
1210
3.10 ± 0.15
2.65 ± 0.15
0.55 ± 0.10
0.50 ± 0.20
0.50 MAX
5,000
CRH12
2010
5.10 ± 0.15
2.60 ± 0.15
0.55 ± 0.10
0.80 ± 0.20
0.80 MAX
4,000
CRH01
2512
6.40 ± 0.15
3.10 ± 0.15
0.55 ± 0.10
0.80 ± 0.20
1.30 MAX
4,000
CRH01A
6.40 ± 0.20
3.2 ± 0.20
0.55 ± 0.10
0.50 ± 0.30
0.50 ± 0.30
FEATURES
Stringent specs in terms of reliability,
stability, and quality.
Available in sizes as small as 0502
Resistance Range up to 150 Gig ohms
E-24 and E-96 Series
Low Voltage Coefficient of Resistance
Wrap Around Terminal for Solder Flow
RoHS Compliance
Termination Material
:
Sn
Ceramic Substrate
Resistive Element
Overcoat
Conductor


Similar Part No. - CRH12107FM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRH12-107F1B AAC-CRH12-107F1B Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH12-107F1M AAC-CRH12-107F1M Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH12-107F2B AAC-CRH12-107F2B Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH12-107F2M AAC-CRH12-107F2M Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH12-107F3B AAC-CRH12-107F3B Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
More results

Similar Description - CRH12107FM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF1M0U PANASONIC-ERJ-M1WTF1M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com