Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8320HRTVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8320HRTVT
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8320HRTVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8320HRTVT Datasheet HTML 3Page - Texas Instruments DRV8320HRTVT Datasheet HTML 4Page - Texas Instruments DRV8320HRTVT Datasheet HTML 5Page - Texas Instruments DRV8320HRTVT Datasheet HTML 6Page - Texas Instruments DRV8320HRTVT Datasheet HTML 7Page - Texas Instruments DRV8320HRTVT Datasheet HTML 8Page - Texas Instruments DRV8320HRTVT Datasheet HTML 9Page - Texas Instruments DRV8320HRTVT Datasheet HTML 10Page - Texas Instruments DRV8320HRTVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
1
FB
36
DVDD
2
PGND
35
AGND
3
CPL
34
CAL
4
CPH
33
ENABLE
5
VCP
32
nSCS
6
VM
31
SCLK
7
VDRAIN
30
SDI
8
GHA
29
SDO
9
SHA
28
nFAULT
10
GLA
27
DGND
11
SPA
26
VREF
12
SNA
25
SOA
Not to scale
Thermal
Pad
1
FB
36
DVDD
2
PGND
35
AGND
3
CPL
34
CAL
4
CPH
33
ENABLE
5
VCP
32
GAIN
6
VM
31
VDS
7
VDRAIN
30
IDRIVE
8
GHA
29
MODE
9
SHA
28
nFAULT
10
GLA
27
DGND
11
SPA
26
VREF
12
SNA
25
SOA
Not to scale
Thermal
Pad
7
DRV8320, DRV8320R
DRV8323, DRV8323R
www.ti.com
SLVSDJ3A – FEBRUARY 2017 – REVISED APRIL 2017
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions—40-Pin DRV8323 Devices (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
DRV8323H
DRV8323S
SHA
7
7
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHB
14
14
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHC
17
17
I
High-side source sense input. Connect to the high-side power MOSFET source.
SNA
10
10
I
Shunt amplifier input. Connect to the low-side of the current shunt resistor.
SNB
11
11
I
Shunt amplifier input. Connect to the low-side of the current shunt resistor.
SNC
20
20
I
Shunt amplifier input. Connect to the low-side of the current shunt resistor.
SOA
23
23
O
Shunt amplifier output.
SOB
22
22
O
Shunt amplifier output.
SOC
21
21
O
Shunt amplifier output.
SPA
9
9
I
Low-side source sense and shunt amplifier input. Connect to the low-side power MOSFET source and high-side of the
current shunt resistor.
SPB
12
12
I
Low-side source sense and shunt amplifier input. Connect to the low-side power MOSFET source and high-side of the
current shunt resistor.
SPC
19
19
I
Low-side source sense and shunt amplifier input. Connect to the low-side power MOSFET source and high-side of the
current shunt resistor.
VCP
3
3
PWR
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between the VCP and VM pins.
VDRAIN
5
5
I
High-side MOSFET drain sense input. Connect to the common point of the MOSFET drains.
VDS
28
I
VDS monitor trip point setting. This pin is a 7 level input pin set by an external resistor.
VM
4
4
PWR
Gate driver power supply input. Connect to the bridge power supply. Connect a X5R or X7R, 0.1-µF, VM-rated ceramic and
greater then or equal to 10-uF local capacitance between the VM and PGND pins.
VREF
24
24
PWR
Shunt amplifier power supply input and reference. Connect a X5R or X7R, 0.1-µF, 6.3-V ceramic capacitor between the
VREF and AGND pins.
DRV8323RH RGZ Package
48-Pin VQFN With Exposed Thermal Pad
Top View
DRV8323RS RGZ Package
48-Pin VQFN With Exposed Thermal Pad
Top View
(1)
PWR = power, I = input, O = output, NC = no connection, OD = open-drain
Pin Functions—48-Pin DRV8323R Devices
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
DRV8323RH
DRV8323RS
AGND
35
35
PWR
Device analog ground. Connect to system ground.
BGND
43
43
PWR
Buck regulator ground. Connect to system ground.
CAL
34
34
I
Amplifier calibration input. Set logic high to internally short amplifier inputs and perform auto offset calibration.


Similar Part No. - DRV8320HRTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320H TI1-DRV8320H Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8320HRTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com