Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04828SNKDTEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDTEP
Description  Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04828SNKDTEP Datasheet(HTML) 4 Page - Texas Instruments

  LMK04828SNKDTEP Datasheet HTML 1Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 2Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 3Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 4Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 5Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 6Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 7Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 8Page - Texas Instruments LMK04828SNKDTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
4
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
(1)
NO.
NAME
6
SYNC/SYSREF_REQ
I
CMOS
Synchronization input or SYSREF_REQ for requesting continuous SYSREF
7, 8, 9
NC
Do not connect. These pins must be left floating.
10
Vcc1_VCO
PWR
Power supply for VCO LDO
11
LDObyp1
ANLG
LDO bypass, bypassed to ground with 10-µF capacitor.
12
LDObyp2
ANLG
LDO bypass, bypassed to ground with a 0.1-µF capacitor.
13
14
SDCLKout3,
SDCLKout3*
O
Programmable
SYSREF or device clock output 3
15
16
DCLKout2,
DCLKout2*
O
Programmable
Device clock output 2
17
Vcc2_CG1
PWR
Power supply for clock outputs 2 and 3
18
CS*
I
CMOS
Chip select
19
SCK
I
CMOS
SPI clock
20
SDIO
I/O
CMOS
SPI data
21
Vcc3_SYSREF
PWR
Power supply for SYSREF divider and SYNC
22
23
SDCLKout5,
SDCKLout5*
O
Programmable
SYSREF or device clock output 5
24
25
DCLKout4,
DCLKout4*
O
Programmable
Device clock output 4
26
Vcc4_CG2
PWR
Power supply for clock outputs 4, 5, 6 and 7
27
28
DCLKout6,
DCLKout6*
O
Programmable
Device clock output 6
29
30
SDCLKout7,
SDCLKout7*
O
Programmable
SYSREF or device clock output 7
31
Status_LD1
I/O
Programmable
Programmable status pin
32
CPout1
O
ANLG
Charge pump 1 output
33
Vcc5_DIG
PWR
Power supply for the digital circuitry
34
35
CLKin1, CLKin1*
I
ANLG
Reference clock Input Port 1 for PLL1
FBCLKin,
FBCLKin*
I
ANLG
Feedback input for external clock feedback input (0–delay mode)
Fin, Fin*
I
ANLG
External VCO input (external VCO mode)
36
Vcc6_PLL1
PWR
Power supply for PLL1, charge pump 1, holdover DAC
37
38
CLKin0, CLKin0*
I
ANLG
Reference clock input port 0 for PLL1
39
Vcc7_OSCout
PWR
Power supply for OSCout port
40
41
OSCout, OSCout*
I/O
Programmable
Buffered output of OSCin port
CLKin2, CLKin2*
Reference clock Input Port 2 for PLL1
42
Vcc8_OSCin
PWR
Power supply for OSCin
43
44
OSCin, OSCin*
I
ANLG
Feedback to PLL1, reference input to PLL2 — AC-coupled
45
Vcc9_CP2
PWR
Power supply for PLL2 charge pump
46
CPout2
O
ANLG
Charge pump 2 output
47
Vcc10_PLL2
PWR
Power supply for PLL2
48
Status_LD2
I/O
Programmable
Programmable status pin
49
50
SDCLKout9,
SDCLKout9*
O
Programmable
SYSREF or device clock 9
51
52
DCLKout8,
DCLKout8*
O
Programmable
Device clock output 8
53
Vcc11_CG3
PWR
Power supply for clock outputs 8, 9, 10, and 11
54
55
DCLKout10,
DCLKout10*
O
Programmable
Device clock output 10
56
57
SDCLKout11,
SDCLKout11*
O
Programmable
SYSREF or device clock output 11
58
CLKin_SEL0
I/O
Programmable
Programmable status pin
59
CLKin_SEL1
I/O
Programmable
Programmable status pin
60
61
SDCLKout13,
SDCLKout13*
O
Programmable
SYSREF or device clock output 13
62
63
DCLKout12,
DCLKout12*
O
Programmable
Device clock output 12
64
Vcc12_CG0
PWR
Power supply for clock outputs 0, 1, 12, and 13
DAP
DAP
GND
DIE ATTACH PAD, connect to GND


Similar Part No. - LMK04828SNKDTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04828SNKDTEP TI1-LMK04828SNKDTEP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828SNKDTEP TI-LMK04828SNKDTEP Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results

Similar Description - LMK04828SNKDTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
[Old version datasheet]   LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04610 TI1-LMK04610 Datasheet
1Mb / 124P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04616 TI1-LMK04616 Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04368-EP TI-LMK04368-EP Datasheet
2Mb / 110P
[Old version datasheet]   LMK04368-EP Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com