Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00838ATPHDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00838ATPHDRQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00838ATPHDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HPA00838ATPHDRQ1 Datasheet HTML 2Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 3Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 4Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 5Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 6Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 7Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 8Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 9Page - Texas Instruments HPA00838ATPHDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
TAS5414A, TAS5424A
SLOS535C
– MAY 2009 – REVISED APRIL 2011
www.ti.com
Table 1. TERMINAL FUNCTIONS
TERMINAL
PHD
DKD Package
Package
TYPE(1)
DESCRIPTION
NAME
TAS5414A
TAS5424A
TAS5414A
NO.
NO.
NO.
A_BYP
13
14
11
PBY
Bypass pin for the AVDD analog regulator
CLIP_OT
Open-drain CLIP, OTW, or logical OR of the CLIP and OTW outputs. It
9
10
6
DO
W
also reports tweeter detection during tweeter mode.
CP
28
34
41
CP
Top of main storage capacitor for charge pump (bottom goes to PVDD)
CPC_BOT
27
33
40
CP
Bottom of flying capacitor for charge pump
CPC_TOP
29
35
42
CP
Top of flying capacitor for charge pump
D_BYP
8
9
5
PBY
Bypass pin for DVDD regulator output
FAULT
5
5
1
DO
Global fault output (open drain): UV, OV, OTSD, OCSD, DC
3, 7, 8, 9, 12,
14, 16, 17,
21, 22, 23,
24, 25, 26,
7, 11, 12,
10, 11, 23,
30, 31, 32,
AG / DG /
GND
28, 29, 32,
Ground
26, 32
35, 38, 39,
PGND
38, 39
43, 46, 49,
50, 51, 55,
56, 57, 58,
59, 60
I2C_ADDR
2
2
62
AI
I2C address bit
IN1_M
N/A
16
N/A
AI
Inverting analog input for channel 1 (TAS5424A only)
IN1_P
14
15
13
AI
Non-inverting analog input for channel 1
IN2_M
N/A
18
N/A
AI
Inverting analog input for channel 2 (TAS5424A only)
IN2_P
15
17
15
AI
Non-inverting analog input for channel 2
IN3_M
N/A
20
N/A
AI
Inverting analog input for channel 3 (TAS5424A only)
IN3_P
17
19
19
AI
Non-inverting analog input for channel 3
IN4_M
N/A
22
N/A
AI
Inverting analog input for channel 4 (TAS5424A only)
IN4_P
18
21
20
AI
Non-inverting analog input for channel 4
IN_M
16
N/A
18
ARTN
Signal return for the 4 analog channel inputs (TAS5414A only)
MUTE
6
6
2
AI
Gain ramp control: mute (low), play (high)
OSC_SYN
Oscillator sync input from master or output to slave amplifiers (20 MHz
1
1
61
DI/DO
C
divided by 5, 6, or 7)
OUT1_M
34
41
48
PO
– polarity output for bridge 1
OUT1_P
33
40
47
PO
+ polarity output for bridge 1
OUT2_M
31
37
45
PO
– polarity output for bridge 2
OUT2_P
30
36
44
PO
+ polarity output for bridge 2
OUT3_M
25
31
37
PO
– polarity output for bridge 3
OUT3_P
24
30
36
PO
+ polarity output for bridge 3
OUT4_M
22
27
34
PO
– polarity output for bridge 4
OUT4_P
21
26
33
PO
+ polarity output for bridge 4
19, 20, 35,
23, 24, 25,
27, 28, 29,
PVDD
PWR
PVDD supply
36
42, 43, 44
52, 53, 54
REXT
12
13
10
AI
Precision resistor pin to set analog reference
SCL
4
4
64
DI
I2C clock input from system I2C master
SDA
3
3
63
DI/DO
I2C data I/O for communication with system I2C master
STANDBY
7
8
4
DI
Active-low STANDBY pin. Standby (low), power up (high)
(1)
DI = digital input, DO = digital output, AI = analog input, ARTN = analog signal return, PWR = power supply, PGND = power ground,
PBY = power bypass, PO = power output, AG = analog ground, DG = digital ground, CP = charge pump.
6
Copyright
© 2009–2011, Texas Instruments Incorporated
TAS5414A: Not Recommended For New Designs


Similar Part No. - HPA00838ATPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00835RTER TI1-HPA00835RTER Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
HPA00836PWPR TI1-HPA00836PWPR Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Similar Description - HPA00838ATPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com