Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA02232ARGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HPA02232ARGER
Description  Dual-Channel USB 3.0 Redriver and Equalizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA02232ARGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button HPA02232ARGER Datasheet HTML 3Page - Texas Instruments HPA02232ARGER Datasheet HTML 4Page - Texas Instruments HPA02232ARGER Datasheet HTML 5Page - Texas Instruments HPA02232ARGER Datasheet HTML 6Page - Texas Instruments HPA02232ARGER Datasheet HTML 7Page - Texas Instruments HPA02232ARGER Datasheet HTML 8Page - Texas Instruments HPA02232ARGER Datasheet HTML 9Page - Texas Instruments HPA02232ARGER Datasheet HTML 10Page - Texas Instruments HPA02232ARGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
SN65LVPE502A, SN65LVPE502B
www.ti.com
SLLSEB3C – MARCH 2012 – REVISED NOVEMBER 2016
Product Folder Links: SN65LVPE502A
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN65LVPE502A, SN65LVPE502B
UNIT
RGE (VQFN)
RLL (VQFN)
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
46
41.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42
43.2
°C/W
RθJB
Junction-to-board thermal resistance
13
11.5
°C/W
ψJT
Junction-to-top characterization parameter
4
6.3
°C/W
ψJB
Junction-to-board characterization parameter
1.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
11.5
°C/W
6.5 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RECEIVER AC/DC
Vindiff_pp
RX1, RX2 input voltage swing
AC-coupled differential RX peak-to-peak signal
100
1200
mVpp
VCM_RX
RX1, RX2 common mode voltage
3.3
V
VinCOM_P
RX1, RX2 AC peak common mode
voltage
Measured at RX pins with termination enabled
150
mVpp
ZCM_RX
DC common mode impedance
18
26
30
Ω
Zdiff_RX
DC differential input impedance
72
80
120
Ω
ZRX_High_IMP+
DC Input high impedance
Device in sleep mode RX termination not powered
measured with respect to GND over 500 mV maximum
50
85
VRX-LFPS-DET-PP
Low frequency periodic signaling
(LFPS) detect threshold
Measured at receiver pin, below minimum output is
squelched, above maximum input signal is passed to
output
100
300
mVpp
RLRX-DIFF
Differential return loss
50 MHz to 1.25 GHz
10
11
dB
1.25 GHz to 2.5 GHz
6
7
RLRX-CM
Common mode return loss
50 MHz to 2.5 GHz
11
13
dB
TRANSMITTER AC/DC
VTXDIFF_TB-PP
Differential peak-to-peak output
voltage, transition bit (VID = 800,
1200 mVpp, 5 Gbps)
RL = 100 Ω ±1%, DEx, OSx = NC
800
1042
1200
mV
RL = 100 Ω ±1%, DEx = NC, OSx = GND
908
RL = 100 Ω ±1%, DEx = NC, OSx = VCC
1127
VTXDIFF_NTB-PP
Differential peak-to-peak output
voltage, non-transition bit (VID = 800,
1200 mVpp, 5 Gbps)
RL = 100 Ω ±1%, DEx = NC, OSx = 0, 1, NC
1042
mV
RL = 100 Ω ±1%, DEx = 0, OSx = 0, 1, NC
661
RL = 100 Ω ±1%, DEx = 1, OSx = 0, 1, NC
507
DE
De-emphasis level OS1, 2 = NC
(for OS1, 2 = 1 and 0, see Table 4)
DE1/DE2 = NC
0
dB
DE1/DE2 = 0 (SN65LVPE502A, RLL package)
–3.5
DE1/DE2 = 0 (SN65LVPE502x, RGE packages)
–3
–3.5
–4
DE1/DE2 = 1
–6
TDE
De-emphasis width
0.85
UI
Zdiff_TX
DC differential impedance
72
90
120
Ω
ZCM_TX
DC common mode impedance
Measured w.r.t to AC ground over 0 V to 500 mV
18
23
30
Ω
RLdiff_TX
Differential return loss
f = 50 MHz to 1.25 GHz
9
10
dB
f = 1.25 GHz to 2.5 GHz
6
7
RLCM_TX
Common mode return loss
f = 50 MHz to 2.5 GHz
11
12
dB
ITX_SC
TX short circuit current
TX± shorted to GND
60
mA
VTX_CM_DC
Transmitter DC common mode
voltage
OSx = NC
2
2.6
3
V
VTX_CM_AC_Active
TX AC common mode voltage active
30
100
mVpp
VTX_idle_diff-ACpp
Electrical idle differential peak to peak
output voltage
HPF to remove DC
0
10
mVpp


Similar Part No. - HPA02232ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA02230AIDBVR TI1-HPA02230AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
HPA02235YZFR TI1-HPA02235YZFR Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
HPA02239RUKR TI1-HPA02239RUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - HPA02232ARGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Maxim Integrated Produc...
MAX14972 MAXIM-MAX14972 Datasheet
1Mb / 12P
   Dual SuperSpeed USB 3.0 Equalizer/Redriver
Rev 1; 3/12
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
[Old version datasheet]   3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com