Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951-Q1
Description  Adjustable Micropower Voltage Regulators With Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LP2951-Q1 Datasheet HTML 1Page - Texas Instruments LP2951-Q1 Datasheet HTML 2Page - Texas Instruments LP2951-Q1 Datasheet HTML 3Page - Texas Instruments LP2951-Q1 Datasheet HTML 4Page - Texas Instruments LP2951-Q1 Datasheet HTML 5Page - Texas Instruments LP2951-Q1 Datasheet HTML 6Page - Texas Instruments LP2951-Q1 Datasheet HTML 7Page - Texas Instruments LP2951-Q1 Datasheet HTML 8Page - Texas Instruments LP2951-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
0
50
100
150
200
250
300
350
400
450
500
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
RL = 100 µA
RL = 100 m A
IL
I
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2951-33-Q1, LP2951-50-Q1
SLVSAW6E – JUNE 2011 – REVISED NOVEMBER 2014
LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
1 Features
3 Description
The LP2951-xx-Q1 devices are bipolar, low-dropout
1
Qualified for Automotive Applications
voltage regulators that can accommodate a wide
Wide Input Range: Up to 35 V
input supply-voltage range of up to 35 V. The 8-pin
Rated Output Current of 100 mA
LP2951-xx-Q1 is able to output either a fixed or
adjustable output from the same device. By tying the
Low Dropout: 380 mV (Typ) at 100 mA
OUTPUT
and
SENSE
pins
together,
and
the
Low Quiescent Current: 75
μA (Typ)
FEEDBACK and VTAP pins together, the LP2951-xx-
Tight Line Regulation: 0.03% (Typ)
Q1 outputs a fixed 5 V and 3.3 V (depending on the
version). Alternatively, by leaving the SENSE and
Tight Load Regulation: 0.04% (Typ)
VTAP pins open and connecting FEEDBACK to an
High VO Accuracy
external resistor divider, the output can be set to any
1.4% at 25°C
value between 1.235 V to 30 V.
2% Over Temperature
The
8-pin
LP2951-xx-Q1
also
offers
additional
Can Be Used as a Regulator or Reference
functionality that makes it particularly suitable for
Stable With Low ESR (>12 m
Ω) Capacitors
battery-powered applications. For example, a logic-
compatible shutdown feature allows the regulator to
Current- and Thermal-Limiting Features
be put in standby mode for power savings. In
8-Pin Package
addition, there is a built-in supervisor reset function in
Fixed Voltages: 5 V/ADJ and 3.3 V/ADJ
which the ERROR output goes low when VOUT drops
by 6% of its nominal value for whatever reasons –
Low-Voltage Error Signal on Falling Output
due to a drop in VIN, current limiting, or thermal
Shutdown Capability
shutdown.
Remote Sense Capability for Optimal Output
The LP295x-xx-Q1 devices are designed to minimize
Regulation and Accuracy
all error contributions to the output voltage. With a
tight output tolerance (0.5% at 25°C), a very low
2 Applications
output
voltage
temperature
coefficient
(20
ppm
Automotive Power
typical), extremely good line and load regulation
(0.3%
and
0.4%
typical),
and
remote
sensing
Battery to MCU Regulator
capability, the parts can be used as either low-power
Sensor Supply
voltage references or 100-mA regulators.
Infotainment
Device Information(1)
Body Control Module
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Secondary Side Regulation
LP2951-33-Q1
Point of Load Regulation
SOIC (8)
4.90 mm × 3.90 mm
LP2591-50-Q1
LP2951-50-Q1
WSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Dropout Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2951-Q1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2951-02BM MICREL-LP2951-02BM Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
LP2951-02BM MICREL-LP2951-02BM Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
LP2951-02BN MICREL-LP2951-02BN Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
LP2951-02BN MICREL-LP2951-02BN Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
LP2951-02YM MICREL-LP2951-02YM Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
More results

Similar Description - LP2951-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950 Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_09 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
[Old version datasheet]   Adjustable Micropower Voltage Regulators with Shutdown
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com