Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P054F Datasheet(PDF) 4 Page - Rohm

Part # BM2P054F
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P054F Datasheet(HTML) 4 Page - Rohm

  BM2P054F_17 Datasheet HTML 1Page - Rohm BM2P054F_17 Datasheet HTML 2Page - Rohm BM2P054F_17 Datasheet HTML 3Page - Rohm BM2P054F_17 Datasheet HTML 4Page - Rohm BM2P054F_17 Datasheet HTML 5Page - Rohm BM2P054F_17 Datasheet HTML 6Page - Rohm BM2P054F_17 Datasheet HTML 7Page - Rohm BM2P054F_17 Datasheet HTML 8Page - Rohm BM2P054F_17 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/19
Datasheet
Datasheet
BM2PXX4F Series
TSZ02201-0F2F0A200080-1-2
7. Mar.2017.Rev.009
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●PIN DESCRIPTIONS
Table 1 Pin Description
NO.
Pin Name
I/O
Function
ESD Diode
VCC
GND
1
VCC
I
Power supply input pin
-
2
N.C.
-
-
-
-
3
N.C.
-
-
-
-
4
DRAIN
I/O
MOSFET DRAIN
pin
-
-
5
SOURCE
I/O
MOSFET SOURCE
pin
6
N.C.
-
-
-
-
7
GND
I/O
GND pin
-
8
FB
I
Feedback signal input pin
-
●I/O Equivalent Circuit Diagram
Figure 2. I/O Equivalent Circuit Diagram


Similar Part No. - BM2P054F_17

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P054F-GE2 ROHM-BM2P054F-GE2 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
More results

Similar Description - BM2P054F_17

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com