Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2PA45F Datasheet(PDF) 10 Page - Rohm

Part # BM2PA45F
Description  PWM type DC/DC converter IC Included a Switching MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2PA45F Datasheet(HTML) 10 Page - Rohm

Back Button BM2PA45F Datasheet HTML 6Page - Rohm BM2PA45F Datasheet HTML 7Page - Rohm BM2PA45F Datasheet HTML 8Page - Rohm BM2PA45F Datasheet HTML 9Page - Rohm BM2PA45F Datasheet HTML 10Page - Rohm BM2PA45F Datasheet HTML 11Page - Rohm BM2PA45F Datasheet HTML 12Page - Rohm BM2PA45F Datasheet HTML 13Page - Rohm BM2PA45F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/19
Datasheet
Datasheet
BM2PXX5F/BM2PXX6F/BM2PXX7F/BM2PXX8F Series
TSZ02201-0F2F0A200210-1-2
28.Oct.2016.Rev.002
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
3-2)VCC charge function
BM2PxxxF has the recharge function.
VCC charge function operates once the VCC pin >V
UVLO1 and when the DC/DC operation starts. The VCC pin voltage then
drops to <V
CHG1. At that time the VCC pin is charged from the DRAIN pin through the start circuit.
Through this operation, these series prevent failure.
VCC pin voltage rises until VCC >V
CHG2. The operation is shown in figure 9.
VCC
VUVLO1
VUVLO2
VCHG1
Switching
VH charge
charge
charge
OUTPUT
voltage
VCHG2
charge charge
AB C D E
F G H
VH
Figure 9. VCC Pin Charge Operation
A: DRAIN pin voltage rises, charges VCC pin through the VCC charge function.
B: VCC > V
UVLO1, VCC UVLO function releases, VCC charge function stops, DC/DC operation starts.
C: When the DC/DC operation starts, the VCC voltage drops.
D: VCC < V
CHG1
, VCC recharge function operates.
E: VCC > V
CHG2
, VCC recharge function stops.
F: VCC < V
CHG1, VCC recharge function operates.
G: VCC > V
CHG2
, VCC recharge function stops.
H: After the output voltage is finished rising, VCC is charged by the auxiliary winding, and VCC pin stabilizes.


Similar Part No. - BM2PA45F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2PA45F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P015-Z ROHM-BM2P015-Z Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included a Switching MOSFET
26.Oct.2021 Rev.005
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF ROHM-BM2P074KF Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com