Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28023PTS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023PTS
Description  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28023PTS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F28023PTS Datasheet HTML 3Page - Texas Instruments TMS320F28023PTS Datasheet HTML 4Page - Texas Instruments TMS320F28023PTS Datasheet HTML 5Page - Texas Instruments TMS320F28023PTS Datasheet HTML 6Page - Texas Instruments TMS320F28023PTS Datasheet HTML 7Page - Texas Instruments TMS320F28023PTS Datasheet HTML 8Page - Texas Instruments TMS320F28023PTS Datasheet HTML 9Page - Texas Instruments TMS320F28023PTS Datasheet HTML 10Page - Texas Instruments TMS320F28023PTS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
Copyright © 2008–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200
7
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
Table 3-1. Device Comparison (continued)
FEATURE
TYPE
(1)
28027
28027F
(2)
(60 MHz)
28026
28026F
(2)
(60 MHz)
28023
(50 MHz)
28022
(50 MHz)
28021
(40 MHz)
28020
(40 MHz)
280200
(40 MHz)
Package Type
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
(3)
The letter Q refers to Q100 qualification for automotive applications.
Temperature
options
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
S: –40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Q: –40°C to 125°C
(3)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes


Similar Part No. - TMS320F28023PTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28023PTS TI-TMS320F28023PTS Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28023PTS TI1-TMS320F28023PTS Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28023PTS TI1-TMS320F28023PTS Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28023PTS TI1-TMS320F28023PTS Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28023PTS TI-TMS320F28023PTS Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28023PTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com