Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1214-55EL Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # PH1214-55EL
Description  Radar Pulsed Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH1214-55EL Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  PH1214-55EL_17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH1214-55EL_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH1214-55EL_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Radar Pulsed Power Transistor
55 W, 1.2 - 1.4 GHz, 1 ms Pulse, 10% Duty
Rev. V1
PH1214-55EL
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - PH1214-55EL_17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1214-55EL MACOM-PH1214-55EL_07 Datasheet
159Kb / 2P
   Radar Pulsed Power Transistor 55W, 1.2-1.4 GHz, 1ms Pulse, 10% Duty
More results

Similar Description - PH1214-55EL_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-0.85L MA-COM-PH1214-0.85L Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00_15 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor
PH3135-5M MA-COM-PH3135-5M_15 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
PH3135-90S MA-COM-PH3135-90S_15 Datasheet
100Kb / 2P
   Radar Pulsed Power Transistor
PH1214-100EL MA-COM-PH1214-100EL_17 Datasheet
655Kb / 4P
   Radar Pulsed Power Transistor
PH1214-110M MA-COM-PH1214-110M_17 Datasheet
656Kb / 4P
   Radar Pulsed Power Transistor
PH1214-300M MA-COM-PH1214-300M_17 Datasheet
681Kb / 5P
   Radar Pulsed Power Transistor
PH1214-2M MA-COM-PH1214-2M_17 Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor
PH1214-25M MA-COM-PH1214-25M_17 Datasheet
648Kb / 4P
   Radar Pulsed Power Transistor
MAPR-001214-380M MA-COM-MAPR-001214-380M_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com