Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ-125B Datasheet(PDF) 1 Page - Total Power International

Part # RQ-125B
Description  125W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

RQ-125B Datasheet(HTML) 1 Page - Total Power International

  RQ-125B Datasheet HTML 1Page - Total Power International RQ-125B Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
..
SPECIFICATION
MODEL
RQ-125B
RQ-125C
RQ-125D
DCVOLTAGE
RATEDCURRENT
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
CH2
CH2
CH2
-5V
CH3
CH3
CH3
5V
15V
-5V
12V
-15V
24V
5V
-12V
-12V
CH4
CH4
CH4
11A
4.5A
1A
10A
4A
1A
2.5A
0.5A
2A
8A
0.5A
0.5A
2~12A
0.5~4.5A 0.1~1A
2~12A
0.5~4A
0.1~1A
0.5~4A
0~1A
0.1~2.5A
2~12A
0~1A
0~1A
120W
122.5W
124W
80mVp-p 120mVp-p 80mVp-p
80mVp-p 120mVp-p 80mVp-p
120mVp-p
80mVp-p
150mVp-p
80mVp-p
80mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
+8,-3%
+6,-10%
2.0%
+8,-3%
+6,-10%
+8,-3%
8.0%
5.0%
2.0%
5.0%
5.0%
0.5%
1.0%
1.0%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
1.0%
1.0%
1.0%
3.0%
6.0%
1.0%
3.0%
6.0%
3.0%
2.0%
5.0%
1.0%
2.0%
2.0%
500ms,20ms/230VAC1200ms,30ms/115VACatfullload
25ms/230VAC30ms/115VACatfullload
47~63Hz
79%
82%
80%
CH1:5.75~6.75V
3A/115VAC2A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
-25~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
203.1Khrsmin.MIL-HDBK-217F(25
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
199*98*38mm(L*W*H)
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2)heavyindustrylevel,criteria A
125WQuadOutputSwitchingPowerSupply
R Q - 1 2 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
CURRENTRANGE
Note.6
RATEDPOWER
Note.6
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
ENVIRONMENT
PROTECTION
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note7)
88~132VAC/176~264VACselectedbyswitch248~373VDC
(Withstand300VACsurgefor5sec.Withoutdamage)
0.7Kg;20pcs/14Kg/0.8CUFT
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
Features :
CH1
CH1
CH1
OUTPUTNUMBER
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - RQ-125B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-125B ASTRODYNE-RQ-125B Datasheet
426Kb / 2P
   125W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125B MEANWELL-RQ-125B Datasheet
346Kb / 2P
   125W Quad Output Switching Power Supply
RQ-125B MEANWELL-RQ-125B Datasheet
355Kb / 2P
   125W Quad Output Switching Power Supply
RQ-125B MEANWELL-RQ-125B Datasheet
356Kb / 2P
   125W Quad Output Switching Power Supply
More results

Similar Description - RQ-125B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125 Datasheet
346Kb / 2P
   125W Quad Output Switching Power Supply
RQ-125 MEANWELL-RQ-125_10 Datasheet
355Kb / 2P
   125W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ125 ASTRODYNE-RQ125 Datasheet
304Kb / 4P
   125W Quad Output Switching Power Supply
RQ-125 ASTRODYNE-RQ-125 Datasheet
426Kb / 2P
   125W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125_11 Datasheet
356Kb / 2P
   125W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-125 MEANWELL-RT-125_11 Datasheet
352Kb / 2P
   125W Triple Output Switching Power Supply
RT-125 MEANWELL-RT-125 Datasheet
343Kb / 2P
   125W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RID125 ASTRODYNE-RID125 Datasheet
322Kb / 4P
   125W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-125 TOTAL-POWER-RD-125 Datasheet
473Kb / 4P
   125W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com