Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431BCPSRE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TL431BCPSRE4
Description  Precision Programmable Reference
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCPSRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL431BCPSRE4 Datasheet HTML 5Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 6Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 7Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 8Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 9Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 10Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 11Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 12Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
R2
R1
|z |
KA
(1 +
(
∆I
∆V
|z'| =
∆I
KA
∆V
KA
|z | =
KA
(2)
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 21), the total dynamic impedance of the circuit is given by:
which is approximately equal to
.
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
7.9 Electrical Characteristics, TL431AI, TL432AI
over recommended operating conditions, TA = 25°C (unless otherwise noted)
TL431AI, TL432AI
PARAMETER
TEST CIRCUIT
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Vref
Reference voltage
See Figure 20
VKA = Vref, IKA = 10 mA
2470
2495
2520
mV
SOT23-3 and TL432
Deviation of reference input
14
34
VKA = Vref,
devices
VI(dev)
voltage over full temperature
See Figure 20
mV
IKA = 10 mA
range(1)
All other devices
5
50
Ratio of change in reference
ΔVKA = 10 V – Vref
–1.4
–2.7
ΔVref /
voltage to the change in
See Figure 21
IKA = 10 mA
mV/V
ΔVKA
ΔVKA = 36 V – 10 V
–1
–2
cathode voltage
Iref
Reference input current
See Figure 21
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
Deviation of reference input
II(dev)
current over full temperature
See Figure 21
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
0.8
2.5
µA
range(1)
Minimum cathode current for
Imin
See Figure 20
VKA = Vref
0.4
0.7
mA
regulation
Ioff
Off-state cathode current
See Figure 22
VKA = 36 V, Vref = 0
0.1
0.5
µA
|zKA|
Dynamic impedance(2)
See Figure 20
VKA = Vref, f ≤ 1 kHz, IKA = 1 mA to 100 mA
0.2
0.5
(1)
The deviation parameters Vref(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage
αVref is defined as:
αVref is positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the lower temperature.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B


Similar Part No. - TL431BCPSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL431BCPSRE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com