Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR121003DM Datasheet(PDF) 5 Page - American Accurate Components, Inc.

Part # CR121003DM
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CR121003DM Datasheet(HTML) 5 Page - American Accurate Components, Inc.

  CR121003DM Datasheet HTML 1Page - American Accurate Components, Inc. CR121003DM Datasheet HTML 2Page - American Accurate Components, Inc. CR121003DM Datasheet HTML 3Page - American Accurate Components, Inc. CR121003DM Datasheet HTML 4Page - American Accurate Components, Inc. CR121003DM Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
American Accurate Components, Inc.
Thick Film Chip Resistors
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
5
TAPE SCHEMATIC
01005 Size
A
B
W
F
E
0.38±0.02
0.68±0.02
8.0±0.10
3.5±0.05
1.75±0.05
P1
P0
D0
t1
t2
K
2.0±0.05
4.0±0.10
1.55±0.03
0.42±0.05
0.5
0.27±0.02
0201 ~ 2512 Size
TAPE DIMENSIONS (mm)
0201
0402
0603
0805
A
0.37±0.05
0.65±0.1
1.1±0.2
1.65±0.2
B
0.67±0.1
1.15±0.1
1.9±0.2
2.4±0.2
W
8.0±0.2
8.0±0.2
8.0±0.2
8.0±0.2
E
1.75±0.1
1.75±0.10
1.75±0.1
1.75±0.1
F
3.5±0.05
3.5±0.05
3.5±0.05
3.5±0.05
P1
2.0±0.1
2.0±0.05
4.0±0.1
4.0±0.1
T
0.5max
0.55±0.1
0.70±0.1
0.90±0.1
Tp
0.4+0.05
0.40±0.05
0.60±0.1
0.75±0.1
1206
1210
2010
2512
A
2.0±0.15
2.9±0.1
2.9±0.1
3.4±0.1
B
3.6±0.15
3.5±0.1
5.3±0.1
6.6±0.1
W
8.0±0.2
8.0±0.2
12.0±0.2
12.0±0.2
E
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
F
3.5±0.05
3.5±0.05
5.5±0.05
5.5±0.05
P1
4.0±0.1
4.0±0.1
4.0±0.1
4.0±0.1
T
0.90±0.1
0.90±0.1
1.0±0.1
1.0±0.1
Tp
0.75±0.1
0.75±0.1
0.25±0.1
0.25±0.1
TAPE
Type
Resistor Size
Press Pocket Carrier Tape
01005
Rect. Punching Carrier Paper Tape
0201, 0402, 0603, 0805, 1206, 1210
Plastic (Embossed Tape)
2010 & 2512
REEL DRAWINGS
7” Reel (M)
13” Reel (V)
PACKAGE DIMENSIONS (mm)
7” Reel (M)
13” Reel (V)
M
180 ± 3.0
330±2.5
H
1.20
2.3± 0.5
C
13.0 ± 0.2
13.0 ± 0.2
G
9.0 ± 0.3
9.5 ± 0.5
E
60 ± 1.0
80.0 ± 1.0
F
11.4 ± 1.0
14.4
LABEL DESCRIPTION
One side surface of a reel is marked with a label with the
following items of information.
1.
Chip Resistor
2.
Part Number
3.
Tolerance
4.
Quantity
5.
Lot number for production month/year/suffix L*
6.
Manufacturer’s name or symbol
* The suffix “L” indicates that this item is lead free. As of September
2004, all new production items of the series CR and CJ are no
longer containing tin/lead (SnPb) terminals; they are lead free and in
compliance with Lead Free/RoHS.
PACKAGE CONSTRUCTION
3 Ring Binder Case Holder
Plastic pages with slip holders for each value
Each value is individually identified in a slip holder
Resistors are packaged on paper tape strips
The content may change without notification 7/21/2016.


Similar Part No. - CR121003DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1210 ETC1-CR1210 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Silicon Laboratories
CR1210-2W-1000F SILABS-CR1210-2W-1000F Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Skyworks Solutions Inc.
CR1210-2W-150J SKYWORKS-CR1210-2W-150J Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
CR1210-2W-150J SKYWORKS-CR1210-2W-150J Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
CR1210-2W-150J SKYWORKS-CR1210-2W-150J Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - CR121003DM

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com