Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28034RSHS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28034RSHS
Description  Piccolo Microcontrollers
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28034RSHS Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F28034RSHS Datasheet HTML 1Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 2Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 3Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 4Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 5Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 6Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 7Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 8Page - Texas Instruments TMS320F28034RSHS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 161 page
background image
5
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584K – APRIL 2009 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034
TMS320F28035
Revision History
Copyright © 2009–2016, Texas Instruments Incorporated
2
Revision History
Changes from October 7, 2013 to June 24, 2016 (from J Revision (October 2013) to K Revision)
Page
Global: Changed product status of TMS320F2803x 56-pin RSH devices from TMX (experimental device) to
TMS (fully qualified production device).
........................................................................................... 1
Global: Restructured document.
.................................................................................................. 1
Global: Added ESD Ratings table; Detailed Description section; Device and Documentation Support section;
and Mechanical Packaging and Orderable Information section.
............................................................... 1
Global: Removed "Analog MUX" table (this was Table 4-21 in SPRS584J).
............................................... 1
Global: Removed references to the Reliability Data for TMS320LF24xx and TMS320F28xx Devices Application
Report.
................................................................................................................................. 1
Global: Replaced "CAN 2.0B" with "ISO11898-1 (CAN 2.0B)".
............................................................... 1
Section 1.1 (Features): Removed "Dynamic PLL Ratio Changes Supported" feature.
..................................... 1
Device Information: Added table.
.................................................................................................. 2
Table 3-1 (Device Comparison): Changed title from "Hardware Features" to "Device Comparison".
.................... 6
Table 3-1: Removed "Product status" row and associated footnote.
......................................................... 6
Section 3.1 (Related Products): Added section.
................................................................................. 8
Section 4.2 (Signal Descriptions): Updated NOTE.
............................................................................ 13
Table 4-1 (Signal Descriptions): Changed title from "Terminal Functions" to "Signal Descriptions".
.................... 13
Table 4-1: Updated DESCRIPTION of X1, XRS, VREFHI, VREFLO, VDD, and VDDIO. ......................................... 13
Section 5.1 (Absolute Maximum Ratings): Added Input voltage, VIN (X1). ................................................. 21
Section 5.3 (Recommended Operating Conditions): Changed "Junction temperature, TJ" to "Ambient
temperature, TA" for T version and S version. .................................................................................. 22
Section 5.3: Removed "VDDIO and VDDA should be maintained within ~0.3 V of each other" footnote. .................. 22
Section 5.4 (Power Consumption Summary): Changed section title from "Current Consumption" to "Power
Consumption Summary".
.......................................................................................................... 23
Section 5.11 (Power Sequencing): Updated "There is no power sequencing requirement needed ..." paragraph.
... 32
Table 5-7 (Internal Zero-Pin Oscillator (INTOSC1/INTOSC2) Characteristics): Updated footnote about oscillator
accuracy.
............................................................................................................................ 36
Figure 6-5 (VREG + POR + BOR + Reset Signal Connectivity): Updated figure.
......................................... 60
Table 6-13 (PLL, Clocking, Watchdog, and Low-Power Mode Registers): Added PCLKCR2.
.......................... 61
Figure 6-6 (Clock and Reset Domains): Added PCLKCR2.
.................................................................. 62
Section 6.6.2 (Crystal Oscillator Option): Added "The on-chip crystal oscillator X1 and X2 pins are 1.8-V level
signals ..." paragraph.
.............................................................................................................. 64
Figure 6-11 (CPU-watchdog Module): Updated figure.
........................................................................ 68
Table 6-37 (SPI Master Mode External Timing (Clock Phase = 0)): Parameter 9 [tv(SPCL-SOMI)M, tv(SPCH-SOMI)M]:
Changed MIN values to 0.
......................................................................................................... 97
Table 6-38 (SPI Master Mode External Timing (Clock Phase = 1)): Parameter 11 [tv(SPCH-SOMI)M, tv(SPCL-SOMI)M]:
Changed MIN values to 0.
......................................................................................................... 99
Table 6-39 (SPI Slave Mode External Timing (Clock Phase = 0)): Parameter 16 [tv(SPCL-SOMI)S, tv(SPCH-SOMI)S]:
Changed MIN values to 0.
....................................................................................................... 101
Table 6-40 (SPI Slave Mode External Timing (Clock Phase = 1)): Parameter 18 [tv(SPCL-SOMI)S, tv(SPCH-SOMI)S]:
Changed MIN values to 0.
....................................................................................................... 102
Section 6.9.15 (Pin Multiplexing): Changed title from "GPIO MUX" to "General-Purpose Input/Output (GPIO)
MUX".
............................................................................................................................... 132
Table 6-64 (Analog MUX for 80-Pin PN Package): Added table.
.......................................................... 134
Table 6-65 (Analog MUX for 56-Pin RSH and 64-Pin PAG Packages): Added table.
................................... 135
Section 7 (Applications, Implementation, and Layout): Added section.
.................................................... 144
Section 8 (Device and Documentation Support): Added section.
.......................................................... 145
Section 8.1 (Getting Started): Updated links.
................................................................................. 145
Section 8.3 (Tools and Software): Added section.
........................................................................... 146
Section 8.4 (Documentation Support): Updated section.
.................................................................... 147
Section 9.1 (Packaging Information): Updated section.
...................................................................... 150


Similar Part No. - TMS320F28034RSHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28034RSHS TI-TMS320F28034RSHS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28034RSHS TI1-TMS320F28034RSHS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28034RSHS TI1-TMS320F28034RSHS Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28034RSHS TI1-TMS320F28034RSHS Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28034RSHS TI1-TMS320F28034RSHS Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28034RSHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com