Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5509AZHH Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320VC5509AZHH
Description  Fixed-Point Digital Signal Processor
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5509AZHH Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320VC5509AZHH Datasheet HTML 2Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 3Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 4Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 5Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 6Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 7Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 8Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 9Page - Texas Instruments TMS320VC5509AZHH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 145 page
background image
Contents
6
November 2002 − Revised January 2008
SPRS205K
Section
Page
4.2
Documentation Support
77
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Device and Development-Support Tool Nomenclature
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4
TMS320VC5509A Device Nomenclature
79
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Electrical Specifications
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Absolute Maximum Ratings
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Recommended Operating Conditions
81
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2.1
Recommended Operating Conditions for CVDD = 1.2 V (108 MHz)
81
. . . . . . . . . . . . .
5.2.2
Recommended Operating Conditions for CVDD = 1.35 V (144 MHz)
82
. . . . . . . . . . .
5.2.3
Recommended Operating Conditions for CVDD = 1.6 V (200 MHz)
83
. . . . . . . . . . . . .
5.3
Electrical Characteristics
84
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.1
Electrical Characteristics Over Recommended Operating Case Temperature
Range for CVDD = 1.2 V (108 MHz)
84
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.2
Electrical Characteristics Over Recommended Operating Case Temperature
Range for CVDD = 1.35 V (144 MHz)
85
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.3
Electrical Characteristics Over Recommended Operating Case Temperature
Range for CVDD = 1.6 V (200 MHz)
86
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
ESD Performance
87
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.5
Timing Parameter Symbology
87
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6
Clock Options
88
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6.1
Internal System Oscillator With External Crystal
88
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6.2
Layout Considerations
89
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6.3
Clock Generation in Bypass Mode (DPLL Disabled)
90
. . . . . . . . . . . . . . . . . . . . . . . . . .
5.6.4
Clock Generation in Lock Mode (DPLL Synthesis Enabled)
91
. . . . . . . . . . . . . . . . . . .
5.6.5
Real-Time Clock Oscillator With External Crystal
92
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.7
Memory Interface Timings
93
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.7.1
Asynchronous Memory Timings
93
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.7.2
Synchronous DRAM (SDRAM) Timings
96
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.8
Reset Timings
104
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.8.1
Power-Up Reset (On-Chip Oscillator Active)
104
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.8.2
Power-Up Reset (On-Chip Oscillator Inactive)
105
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.8.3
Warm Reset
106
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.9
External Interrupt Timings
107
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.10
Wake-Up From IDLE
107
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.11
XF Timings
108
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.12
General-Purpose Input/Output (GPIOx) Timings
109
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.13
TIN/TOUT Timings (Timer0 Only)
110
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14
Multichannel Buffered Serial Port (McBSP) Timings
111
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.1
McBSP0 Timings
111
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.2
McBSP1 and McBSP2 Timings
113
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.3
McBSP as SPI Master or Slave Timings
116
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.14.4
McBSP General-Purpose I/O Timings
124
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.15
Enhanced Host-Port Interface (EHPI) Timings
125
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.16
I2C Timings
131
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.17
MultiMedia Card (MMC) Timings
134
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.18
Secure Digital (SD) Card Timings
135
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.19
Universal Serial Bus (USB) Timings
136
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.20
ADC Timings
138
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TMS320VC5509AZHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5509AZHH TI-TMS320VC5509AZHH Datasheet
1Mb / 144P
[Old version datasheet]   TMS320VC5509A Fixed-Point Digital Signal Processor
TMS320VC5509AZHH TI1-TMS320VC5509AZHH Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5509AZHH TI1-TMS320VC5509AZHH Datasheet
2Mb / 147P
[Old version datasheet]   TMS320VC5509A Fixed-Point Digital Signal Processor
TMS320VC5509AZHHR TI1-TMS320VC5509AZHHR Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5509AZHHR TI1-TMS320VC5509AZHHR Datasheet
2Mb / 147P
[Old version datasheet]   TMS320VC5509A Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5509AZHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com