Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28069FPFPQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28069FPFPQ
Description  Piccolo Microcontrollers
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069FPFPQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28069FPFPQ Datasheet HTML 4Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 5Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 6Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 7Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 8Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 9Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 10Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 11Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 177 page
background image
Copyright © 2010–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
8
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
www.ti.com
Table 3-1. Device Comparison (continued)
FEATURE
TYPE
(1)
28069
28069U
(2) (3)
28069M
(2) (4)
28069F
(2) (4)
(90 MHz)
28068
28068U
(2) (3)
28068M
(2) (4)
28068F
(2) (4)
(90 MHz)
28067
28067U
(2) (3)
(90 MHz)
28066
28066U
(2) (3)
(90 MHz)
28065
28065U
(2) (3)
(90 MHz)
28064
28064U
(2) (3)
(90 MHz)
28063
28063U
(2) (3)
(90 MHz)
28062
28062U
(2) (3)
28062F
(2) (4)
(90 MHz)
Package Type
(PFP and PZP are PowerPAD HTQFPs.
PN and PZ are LQFPs.)
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
(5)
"Q" refers to Q100 qualification for automotive applications.
McBSP
1
1
1
1
1
1
1
1
1
eCAN
0
1
1
1
1
1
1
1
1
SPI
1
2
2
2
2
2
2
2
2
SCI
0
2
2
2
2
2
2
2
2
USB
0
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
2-pin Oscillator
1
1
1
1
1
1
1
1
0-pin Oscillator
2
2
2
2
2
2
2
2
I/O pins
(shared)
GPIO
54
40
54
40
54
40
54
40
54
40
54
40
54
40
54
40
AIO
6
6
6
6
6
6
6
6
External interrupts
3
3
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
Temperature
options
T: –40°C to 105°C
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
S: –40°C to 125°C
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
Q: –40°C to 125°C
(3) (5)
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP


Similar Part No. - TMS320F28069FPFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069FPFPQ TI-TMS320F28069FPFPQ Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPFPQ TI-TMS320F28069FPFPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPFPQ TI1-TMS320F28069FPFPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPFPQ TI1-TMS320F28069FPFPQ Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28069FPFPQ TI1-TMS320F28069FPFPQ Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28069FPFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com