Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV-300 Datasheet(PDF) 1 Page - Total Power International

Part # SPV-300
Description  300W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

SPV-300 Datasheet(HTML) 1 Page - Total Power International

  SPV-300 Datasheet HTML 1Page - Total Power International SPV-300 Datasheet HTML 2Page - Total Power International SPV-300 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC Fan
Built-in fan speed control
Fixed switching frequency at 100KHz
Output voltage programmable from 20~110% by 1~5.5VDC external
control signal
3 years warranty
SPECIFICATION
SPV-300-24
SPV-300-12
SPV-300-48
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
RIPPLE & NOISE (max.) Note.2
OUTPUT
VOLTAGE ADJ. RANGE
VOLTAGE TOLERANCE Note.3
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
REMOTE CONTROL
OUTPUT VOLTAGE TRIM
OVER TEMPERATURE
SAFETY STANDARDS
SAFETY
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
PROTECTION
24V
12V
48V
12.5A
25A
6.25A
0 ~ 12.5A
0 ~ 25A
0 ~ 6.25A
300W
300W
300W
150mVp-p
150mVp-p
240mVp-p
20 ~ 26.4V
10 ~ 13.2V
41 ~ 52.8V
1.0%
1.0%
1.0%
0.2%
0.3%
0.2%
0.5%
0.5%
0.5%
800ms, 50ms/230VAC
2500ms, 50ms/115VAC at full load
16ms/230VAC
16ms/115VAC at full load
88 ~ 264VAC
124 ~ 370VDC
47 ~ 63Hz
PF>0.95/230VAC
PF>0.98/115VAC at full load
85%
83.5%
5A
2.5A
86.5%
57.6 ~ 67.2V
9.6 ~ 52.8V
20A/115VAC
40A/230VAC
<1mA / 240VAC
4~6VDC power off, <0~0.8VDC power on
2.4 ~ 13.2V
105 ~ 135% rated output power
27.6 ~ 32.4V
4.8 ~ 26.4V
13.8 ~ 16.2V
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
80
5
(TSW1 : detect on heatsink of power transistor)
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
UL60950-1, TUV EN60950-1 approved
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
-20 ~ +65
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
0.03%/
(0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
207K hrs min.
MIL-HDBK-217F (25
)
215*115*50mm (L*W*H)
1.1Kg; 12pcs/14Kg/0.92CUFT
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900(US)
PH# (978)453-7272
www.total-power.com
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Mean Well reserves the right to adjust this spec when deemed appropriate.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
SPV-300 series
300W Single Output with PFC Function
115VAC
230VAC
AC CURRENT
(Typ.)
FUNCTION
EMC
(Note 4)
HARMONIC CURRENT
EMI CONDUCTION & RADIATION
EMS IMMUNITY
ISOLATION RESISTANCE
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH


Similar Part No. - SPV-300

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
SPV-300-24 MEANWELL-SPV-300-24 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
More results

Similar Description - SPV-300

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_10 Datasheet
268Kb / 2P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300 TOTAL-POWER-HRPG-300 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com