Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA01081RTJR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HPA01081RTJR
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01081RTJR Datasheet(HTML) 1 Page - Texas Instruments

  HPA01081RTJR Datasheet HTML 1Page - Texas Instruments HPA01081RTJR Datasheet HTML 2Page - Texas Instruments HPA01081RTJR Datasheet HTML 3Page - Texas Instruments HPA01081RTJR Datasheet HTML 4Page - Texas Instruments HPA01081RTJR Datasheet HTML 5Page - Texas Instruments HPA01081RTJR Datasheet HTML 6Page - Texas Instruments HPA01081RTJR Datasheet HTML 7Page - Texas Instruments HPA01081RTJR Datasheet HTML 8Page - Texas Instruments HPA01081RTJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
TPA2012D2 2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
1
1 Features
1
Output Power By Package:
WQFN:
2.1 W/Ch Into 4 Ω at 5 V
1.4 W/Ch Into 8 Ω at 5 V
720 mW/Ch Into 8 Ω at 3.6 V
DSBGA:
1.2 W/Ch Into 4 Ω at 5 V
(Thermally Limited)
1.3 W/Ch Into 8 Ω at 5 V
720 mW/Ch Into 8 Ω at 3.6 V
Only Two External Components Required
Power Supply Range: 2.5 V to 5.5 V
Independent Shutdown Control for Each Channel
Selectable Gain of 6, 12, 18, and 24 dB
Internal Pulldown Resistor on Shutdown Pins
High PSRR: 77 dB at 217 Hz
Fast Start-Up Time (3.5 ms)
Low Supply Current
Low Shutdown Current
Short-Circuit and Thermal Protection
Space-Saving Packages
2.01-mm × 2.01-mm NanoFree™ DSBGA
(YZH)
4-mm × 4-mm Thin WQFN (RTJ) With
PowerPAD™
2 Applications
Wireless or Cellular Handsets and PDAs
Portable DVD Players
Notebook PCs
Portable Radios
Portable Gaming
Educational Toys
USB Speakers
3 Description
The TPA2012D2 is a stereo, filter-free, Class-D audio
amplifier (Class-D amp) available in a DSBGA or
WQFN package. The TPA2012D2 only requires two
external components for operation.
The TPA2012D2 features independent shutdown
controls for each channel. The gain can be selected
to 6, 12, 18, or 24 dB using the G0 and G1 gain
select pins. High PSRR and differential architecture
provide
increased
immunity
to
noise
and
RF
rectification. In addition to these features, a fast start-
up
time
and
small
package
size
make
the
TPA2012D2 class-D amp an ideal choice for both
cellular handsets and PDAs.
The TPA2012D2 is capable of driving 1.4 W/Ch at
5 V or 720 mW/Ch at 3.6 V into 8 Ω. The TPA2012D2
is also capable of driving 4 Ω. The TPA2012D2 is
thermally limited in DSBGA and may not achieve
2.1 W/Ch for 4 Ω. The maximum output power in the
DSBGA is determined by the ability of the circuit
board to remove heat. Figure 33 shows thermally
limited region of the DSBGA in relation to the WQFN
package. The TPA2012D2 provides thermal and
short-circuit protection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA2012D2
DSBGA (16)
2.01 mm × 2.01 mm
WQFN (20)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Schematic


Similar Part No. - HPA01081RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01082DR TI1-HPA01082DR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
HPA01083RGVR TI1-HPA01083RGVR Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
HPA01084ZCF TI1-HPA01084ZCF Datasheet
693Kb / 63P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
HPA01085DBVR TI1-HPA01085DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
HPA01085DVBR TI1-HPA01085DVBR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
More results

Similar Description - HPA01081RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com