Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2
Description  2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2016D2 Datasheet HTML 1Page - Texas Instruments TPA2016D2 Datasheet HTML 2Page - Texas Instruments TPA2016D2 Datasheet HTML 3Page - Texas Instruments TPA2016D2 Datasheet HTML 4Page - Texas Instruments TPA2016D2 Datasheet HTML 5Page - Texas Instruments TPA2016D2 Datasheet HTML 6Page - Texas Instruments TPA2016D2 Datasheet HTML 7Page - Texas Instruments TPA2016D2 Datasheet HTML 8Page - Texas Instruments TPA2016D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
–0.3
6
V
Input voltage
SDZ, INR+, INR–, INL+, INL–
–0.3
VDD + 0.3
V
SDA, SCL
–0.3
6
Continuous total power dissipation
See Dissipation Ratings
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
RLOAD
Minimum load resistance
3.2
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
2.5
5.5
V
VIH
High-level input voltage
SDZ, SDA, SCL
1.3
V
VIL
Low-level input voltage
SDZ, SDA, SCL
0.6
V
TA
Operating free-air temperature
–40
+85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPA2016D2
UNIT
YZH (DSBGA)
RTJ (QFN)
16 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
71
33.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
22.5
°C/W
RθJB
Junction-to-board thermal resistance
14.4
9.6
°C/W
ψJT
Junction-to-top characterization parameter
1.9
0.2
°C/W
ψJB
Junction-to-board characterization parameter
13.6
9.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4
°C/W


Similar Part No. - TPA2016D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RGPR TI-TPA2016D2RGPR Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RGPT TI-TPA2016D2RGPT Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
More results

Similar Description - TPA2016D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com