Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2RTJR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2RTJR
Description  2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2RTJR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2016D2RTJR Datasheet HTML 2Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 3Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 4Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 5Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 6Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 7Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 8Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 9Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
at TA = 25°C, VDD = 3.6 V, SDZ = 1.3 V, and RL = 8 Ω + 33 μH (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
2.5
3.6
5.5
V
ISDZ
Shutdown quiescent current
SDZ = 0.35 V, VDD = 2.5 V
0.1
1
µA
SDZ = 0.35 V, VDD = 3.6 V
0.2
1
SDZ = 0.35 V, VDD = 5.5 V
0.3
1
ISWS
Software shutdown quiescent
current
SDZ = 1.3 V, VDD = 2.5 V
35
50
µA
SDZ = 1.3 V, VDD = 3.6 V
50
70
SDZ = 1.3 V, VDD = 5.5 V
75
110
IDD
Supply current
VDD = 2.5 V
3.5
4.5
mA
VDD = 3.6 V
3.7
4.7
VDD = 5.5 V
4.5
5.5
fSW
Class D Switching Frequency
275
300
325
kHz
IIH
High-level input current
VDD = 5.5 V, SDZ = 5.8 V
1
µA
IIL
Low-level input current
VDD = 5.5 V, SDZ = –0.3 V
–1
µA
tSTART
Start-up time
2.5 V
≤ VDD ≤ 5.5 V no pop, CIN ≤ 1 μF
5
ms
POR
Power on reset ON threshold
2
2.3
V
POR
Power on reset hysteresis
0.2
V
CMRR
Input common mode rejection
RL = 8 Ω, Vicm = 0.5 V and
Vicm = VDD – 0.8 V,
differential inputs shorted
–70
dB
Voo
Output offset voltage
VDD = 3.6 V, AV = 6 dB, RL = 8 Ω, inputs
AC-grounded
–10
2
10
mV
ZOUT
Output Impedance in shutdown
mode
SDZ = 0.35 V
2
k
Gain accuracy
Compression and limiter disabled, Gain = 0
to 30 dB
–0.5
0.5
dB
PSRR
Power supply rejection ratio
VDD = 2.5 V to 4.7 V
–80
dB
7.6 I
2C Timing Requirements
For I
2C Interface Signals Over Recommended Operating Conditions (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tW(H)
Pulse duration, SCL high
0.6
μs
tW(L)
Pulse duration, SCL low
1.3
μs
tSU(1)
Setup time, SDA to SCL
100
ns
th1
Hold time, SCL to SDA
10
ns
t(buf)
Bus free time between stop and start condition
1.3
μs
tSU2
Setup time, SCL to start condition
0.6
μs
th2
Hold time, start condition to SCL
0.6
μs
tSU3
Setup time, SCL to stop condition
0.6
μs
(1)
Dissipations ratings are for a 2-side, 2-plane PCB.
7.7 Dissipation Ratings
PACKAGE(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
16-ball DSBGA
1.25 W
10 mW/°C
0.8 W
0.65 W
20–pin QFN
5.2 W
41.6 mW/°C
3.12 W
2.7 W


Similar Part No. - TPA2016D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
More results

Similar Description - TPA2016D2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com