Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6111A2DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA6111A2DG4
Description  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6111A2DG4 Datasheet HTML 2Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 3Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 4Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 5Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 6Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 7Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 8Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 9Page - Texas Instruments TPA6111A2DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
20
20k
100
1k
10k
0.001
10
0.01
0.05
0.1
1
f − Frequency − Hz
VDD = 5 V,
PO = 60 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
AV = −5 V/V
AV = −10 V/V
10
500
0.001
10
0.01
0.1
1
VDD = 5 V,
RL = 32 Ω,
AV = −1 V/V,
CB = 1 µF
100
PO − Output Power − mW
1 kHz
20 Hz
20 kHz
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
PO = 25 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
10
100
0.001
10
0.01
0.1
1
VDD = 3.3 V,
RL = 32 Ω,
AV = −1 V/V,
CB = 1 µF
50
PO − Output Power − mW
20 Hz
1 kHz
20 kHz
6
TPA6111A2
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7.11 Typical Characteristics
Table 1. Table of Graphs
FIGURE
THD+N
Total harmonic distortion + noise
vs Frequency
Figure 1, Figure 3,
Figure 5, Figure 6,
Figure 7, Figure 9,
Figure 11, Figure 13
vs Output power
Figure 2, Figure 4,
Figure 8, Figure 10,
Figure 12, Figure 14
Supply ripple rejection ratio
vs Frequency
Figure 15, Figure 16
Vn
Output noise voltage
vs Frequency
Figure 17, Figure 18
Crosstalk
vs Frequency
Figure 19-Figure 24
Shutdown attenuation
vs Frequency
Figure 25, Figure 26
Open-loop gain and phase margin
vs Frequency
Figure 27, Figure 28
Output power
vs Load resistance
Figure 29, Figure 30
IDD
Supply current
vs Supply voltage
Figure 31
SNR
Signal-to-noise ratio
vs Voltage gain
Figure 32
Power dissipation and amplifier
vs Load power
Figure 33, Figure 34
Figure 1. Total Harmonic Distortion + Noise vs Frequency
Figure 2. Total Harmonic Distortion + Noise vs Output
Power
Figure 3. Total Harmonic Distortion + Noise vs Frequency
Figure 4. Total Harmonic Distortion + Noise vs Output
Power


Similar Part No. - TPA6111A2DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6111A2DG4 TI-TPA6111A2DG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6111A2DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com