Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P403 Datasheet(PDF) 2 Page - NEC

Part # P403
Description  NEC LCD 40 Large Format Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P403 Datasheet(HTML) 2 Page - NEC

  P403 Datasheet HTML 1Page - NEC P403 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC MultiSync® P403
1. Power
2. Main Switch
3. Speaker connectors
4. Internal / External speaker switch
5. Audio out
6. USB port for service (firmware upgrades)
7. LAN daisy chain with SNMP (LAN switch and LAN / RS232 /
remote loop through)
8. 2x Audio in
9. RS232 in
11. VGA + Component input
12. DP 1.2 loop through
13. HDMI 1.4a
14. DVI-D
SPECIAL CHARACTERISTICS
Auto ID assignment, Auto tiling function, Automatic Alarm E-Mails,
FREE DisplayNote Presenter, HTTP Server, Image flip, NaViSet
Administrator 2, Point Zoom Function, Programmable 10-bit LUT
with 3 memory banks, Sticky Note Function in OSD, User readable
log function
Energy Efficiency
Human Sensor; Ambient light sensor;
Carbon savings meter; ECOMode
Ecological Materials Optional feet; Manuals on CD
Technical Specification NEC MultiSync® P403
DISPLAY
Panel Technology
S-PVA with edge LED backlights
Active Screen Area (W x H) [mm]
885.6 x 498.15
Screen Size [inch/cm]
40 / 101.6
Brightness (shipping) [cd/m2]
550, (700 max)
Contrast Ratio (typ.)
4000:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
8 (grey-to-grey)
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1 (analog and digital)
Vertical Frequency [Hz]
50 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on DisplayPort and HDMI
1024 x 768; 1080i; 1080p; 1280 x 1024; 1280 x 768; 1360 x 768; 1600 x 1200;
1920 x 1080; 3840 x 2160 (24/30 Hz); 480p (60 Hz); 576p (50 Hz); 640 x 480;
720p (50/60 Hz); 800 x 600
Supported on HDMI only
1360 x 768; 3840 x 2160 (25 Hz); 4096 x 2160 (24 Hz); 480i (60 Hz); 576i (50 Hz)
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin
Input Video Digital
1 x DVI-D (with HDCP); 1 x HDMI (with HDCP); 1 x DisplayPort (with HDCP)
Input Audio Analogue
2 x 3,5 mm jack
Input Audio Digital
DisplayPort; 1 x HDMI
Input Control
LAN 100Mbit; remote control wire (3,5mm jack); RS232
Output Video Digital
1 x DisplayPort;
Output Audio Analogue
3,5mm jack
Output Control
LAN 100Mbit
Remote Control
RS-232C (9-pin D-sub) Input; LAN with SNMP; Remote Control IR (internal/
external (optional) sensor)
INTERFACE EXTENSION SLOT
Slot Technology
analogue and digital interface extension (NEC standard)
OPS OPTION SLOT
Slot Technology
Open pluggable specification (NEC / Intel OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/4
SENSORS
Ambient Light Sensor
Integrated, triggered actions programmable
Human Sensor
Optional, external, 4-5m range, triggered actions programmable
Temperature Sensor
Integrated, 3 sensors, triggered actions programmable
NFC Sensor
Integrated, 2cm range, free NEC Android App required
ELECTRICAL
Power Consumption on Mode [W]
105 shipping; 245 (max.)
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 920.6 x 532.2 x 66.5
Weight [kg]
Without stand: 17
Bezel Width [mm]
15.5
VESA Mounting [mm]
300 x 300 (FDMI); 4 holes; M6
AVAILABLE OPTIONS
Accessories
Feet (ST-322); Speaker (SP-TF1); Wall mounts (MSMU, MTMU, MTAPU)
Interface Extension
SB3-AB1 analogue: Audio; Component; Composite; S-Video
SB3-AB2 analogue: Audio; RGBHV
SB3-DB1 digital: 1 x DisplayPort out; 1 x HDMI; 2 x DisplayPort
OPS
HD-SDI 1.5G, 3G; HDBaseT receiver; Intel® Celeron and Core CPUs
ADDITIONAL FEATURES
Safety and Ergonomics
C-tick; CE; FCC Class B; PSB; TÜV GS; UL/C-UL or CSA; VCCI; RoHS
Audio
Integrated Speakers (10 W + 10 W); Optional Speakers (15 W + 15 W)
Shipping Content
Display; DVI-D cable; Power Cable; Remote Control; CD-ROM (User Guides/
Manuals)
Warranty
3 year conditional warranty incl. backlight
Document Name:
Document Revision:
Document Date:
NEC P403 Datasheet
Version 2
January 2016
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632
__________________________________________________________________________________________________________


Similar Part No. - P403

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P403 IRF-P403 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P403 VISHAY-P403 Datasheet
122Kb / 6P
   Passivated Assembled Circuit Elements, 40 A
Revision: 05-Nov-09
logo
NEC
P403-MT NEC-P403-MT Datasheet
607Kb / 2P
   NEC LCD 40 Large Format Touch Screen
logo
International Rectifier
P403K IRF-P403K Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P403KW IRF-P403KW Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
More results

Similar Description - P403

ManufacturerPart #DatasheetDescription
logo
NEC
X401S NEC-X401S Datasheet
859Kb / 2P
   NEC LCD 40 Large Format Display
P703 NEC-P703 Datasheet
818Kb / 2P
   NEC LCD 70 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
   NEC LCD 80 Large Format Display
E654 NEC-E654 Datasheet
401Kb / 2P
   NEC LCD 65 Large Format Display
PA272W-BK NEC-PA272W-BK Datasheet
1Mb / 2P
   NEC LCD 27" Large Format Display
V552 NEC-V552 Datasheet
843Kb / 2P
   NEC LCD 55 Large Format Display
P553 NEC-P553 Datasheet
817Kb / 2P
   NEC LCD 55 Large Format Display
X554UN NEC-X554UN Datasheet
1Mb / 2P
   NEC LCD 55 Large Format Display
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
   NEC LCD 46 Large Format Display
V423 NEC-V423 Datasheet
845Kb / 2P
   NEC LCD 42 Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com