Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB6NM60N Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB6NM60N
Description  N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NM60N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB6NM60N Datasheet HTML 5Page - STMicroelectronics STB6NM60N Datasheet HTML 6Page - STMicroelectronics STB6NM60N Datasheet HTML 7Page - STMicroelectronics STB6NM60N Datasheet HTML 8Page - STMicroelectronics STB6NM60N Datasheet HTML 9Page - STMicroelectronics STB6NM60N Datasheet HTML 10Page - STMicroelectronics STB6NM60N Datasheet HTML 11Page - STMicroelectronics STB6NM60N Datasheet HTML 12Page - STMicroelectronics STB6NM60N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STx6NM60N
Test circuit
9/19
3
Test circuit
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STB6NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6N52K3 STMICROELECTRONICS-STB6N52K3 Datasheet
1Mb / 22P
   Extremely high dv/dt capability
March 2011 Rev 2
STB6N60M2 STMICROELECTRONICS-STB6N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2016 Rev 3
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STB6N65M2 STMICROELECTRONICS-STB6N65M2 Datasheet
898Kb / 23P
   Zener-protected
August 2014 Rev 1
STB6N80K5 STMICROELECTRONICS-STB6N80K5 Datasheet
1Mb / 26P
   Zener-protected
March 2015 Rev 3
More results

Similar Description - STB6NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
   N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
November 2010 Rev 5
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
STD5NM60 STMICROELECTRONICS-STD5NM60_08 Datasheet
561Kb / 18P
   N-channel 650 V@Tjmax, 0.9 廓, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
   N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com