Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T635T-8FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # T635T-8FP
Description  6 A Snubberless??Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T635T-8FP Datasheet(HTML) 5 Page - STMicroelectronics

  T635T-8FP Datasheet HTML 1Page - STMicroelectronics T635T-8FP Datasheet HTML 2Page - STMicroelectronics T635T-8FP Datasheet HTML 3Page - STMicroelectronics T635T-8FP Datasheet HTML 4Page - STMicroelectronics T635T-8FP Datasheet HTML 5Page - STMicroelectronics T635T-8FP Datasheet HTML 6Page - STMicroelectronics T635T-8FP Datasheet HTML 7Page - STMicroelectronics T635T-8FP Datasheet HTML 8Page - STMicroelectronics T635T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID024247 Rev 2
5/9
T635T-8FP
Characteristics
Figure 13. Relative variation of leakage current versus junction temperature for different values of
blocking voltage (typical values)
Figure 11. Relative variation of critical rate of
decrease of main current (dI/dt)c versus
reapplied (dV/dt)c (typical values)
Figure 12. Relative variation of critical rate of
decrease of main current (dI/dt)c versus
junction temperature (typical values)
(dI/dt)c [ (dV/dt)c ] / Specified (dI/dt)c
0
1
2
3
4
5
0.1
1.0
10.0
100.0
T
j =150 °C
(dV/dt)c (V/µs)
(dl / dt)c [T ] / (dl / dt)c [T = 150 °C]
jj
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
T (°C)
j
I
, I
@ [T ; V
, V
] / I
, I
T
DRM RRM
j
DRM
RRM
DRM RRM @ [ jmax]*
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
V
DRM=VRRM=800 V
V
DRM=VRRM=600 V
V
DRM=VRRM=400 V
T (°C)
j
[Tjmax = 125 °C; 800 V]
[Tjmax = 150 °C; 600 V]
*IDRM, IRRM @:


Similar Part No. - T635T-8FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T635T-8FP ISC-T635T-8FP Datasheet
228Kb / 2P
   isc Triacs
More results

Similar Description - T635T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
   6 A Snubberless??Triac
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
   6 A Snubberless??Triac
July 2014 Rev 3
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
   8 A Snubberless Triac
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
   Snubberless 16 A Triac
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
   8 A Snubberless??Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
   40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com