Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2AF105A150Y3FDP Datasheet(PDF) 2 Page - AVX Corporation

Part # V2AF105A150Y3FDP
Description  TransFeed Automotive Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2AF105A150Y3FDP Datasheet(HTML) 2 Page - AVX Corporation

  V2AF105A150Y3FDP Datasheet HTML 1Page - AVX Corporation V2AF105A150Y3FDP Datasheet HTML 2Page - AVX Corporation V2AF105A150Y3FDP Datasheet HTML 3Page - AVX Corporation V2AF105A150Y3FDP Datasheet HTML 4Page - AVX Corporation V2AF105A150Y3FDP Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
91
080216
TRANSFEED ELECTRICAL SPECIFICATIONS
TransFeed Automotive Series
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
AVX
Working
Working
Breakdown Clamping
Maximum
Transient
Peak
Typical
DC
Maximum
Jump
Part Number
Voltage
Voltage
Voltage
Voltage
Leakage
Energy
Current
Cap
Resistance
Feedthru
Start
(DC)
(AC)
Current
Rating
Rating
Current
Voltage
V2AF105A150Y2E _ _
5.6
4.0
8.5±20%
18
35
0.10
30
800
0.200
0.75
V2AF105C150Y1F _ _
5.6
4.0
8.5±20%
18
35
0.30
120
2500
0.150
1.00
V2AF109A200Y2E _ _
9.0
6.4
12.7±15%
22
25
0.10
30
575
0.200
0.75
V2AF109C200Y1F _ _
9.0
6.4
12.7±15%
22
25
0.30
120
1800
0.150
1.00
V2AF114A300Y2E _ _
14.0
10.0
18.5±12%
32
15
0.10
30
300
0.200
0.75
27.5
V2AF114C300Y1F _ _
14.0
10.0
18.5±12%
32
15
0.30
120
900
0.150
1.00
27.5
V2AF118A400Y2E _ _
18.0
13.0
25.5±10%
42
10
0.10
30
200
0.200
0.75
27.5
V2AF118C400Y1F _ _
18.0
13.0
25.5±10%
42
10
0.30
120
500
0.150
1.00
27.5
V2AF118X500Y3D _ _
18.0
13.0
25.5±10%
50
10
0.05
20
75
0.250
0.50
27.5
V2AF126C600Y2E_ _
26.0
18.0
34.5±10%
60
10
0.3
80
250
0.2
0.75
27.5
Termination Finish Code
Packaging Code
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC)
V
B Tol
V
B Tolerance is ± from Typical Value
V
C
Clamping Voltage (V @ 1A 8x20μS )
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ 1MHz and 0.5 V
DCR
DC Resistance (Ohms)
I
FT
Maximum Feedthru Current (A)
V
JUMP
Jump Start Voltage (V, 5 min)
Y
Capacitance
Tolerance
Y = +100/-50%
2
DC
Resistance
1 = 0.150 Ohms
2 = 0.200 Ohms
3 = 0.250 Ohms
E
Feedthru
Current
D = 500 mA
E = 750 mA
F = 1.0 Amp
D
Packaging
Code
Pcs./Reel
D = 1,000
R = 4,000
T = 10,000
V
Varistor
2
Chip Size
2 = 0805
AF
Automotive
Feedthru
Capacitor
1
No. of
Elements
05
Voltage
05 = 5.6VDC
09 = 9.0VDC
14 = 14.0VDC
18 = 18.0VDC
26 = 26.0VDC
A
Energy
Rating
X = 0.05J
A = 0.1J
C = 0.3J
150
Varistor
Clamping
Voltage
150 = 18V
200 = 22V
300 = 32V
400 = 42V
500 = 50V
600 = 60V
P
Termination Finish
P = Ni/Sn (Plated)
HOW TO ORDER


Similar Part No. - V2AF105A150Y3FDP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V2AF OMRON-V2AF Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-00JP OMRON-V2AF-00JP Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-01 OMRON-V2AF-01 Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-01JP OMRON-V2AF-01JP Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V2AF-04 OMRON-V2AF-04 Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
More results

Similar Description - V2AF105A150Y3FDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F105A150Y2EDP AVX-V2F105A150Y2EDP_17 Datasheet
395Kb / 7P
   TransFeed
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
logo
EPCOS
B72650M1140K072 EPCOS-B72650M1140K072 Datasheet
86Kb / 4P
   Monolithic; Automotive Series
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400 Datasheet
669Kb / 8P
   TransGuard Automotive Series
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC_10 Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
logo
Littelfuse
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com