Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1210T-8T Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1210T-8T
Description  12 A logic level Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1210T-8T Datasheet(HTML) 1 Page - STMicroelectronics

  T1210T-8T Datasheet HTML 1Page - STMicroelectronics T1210T-8T Datasheet HTML 2Page - STMicroelectronics T1210T-8T Datasheet HTML 3Page - STMicroelectronics T1210T-8T Datasheet HTML 4Page - STMicroelectronics T1210T-8T Datasheet HTML 5Page - STMicroelectronics T1210T-8T Datasheet HTML 6Page - STMicroelectronics T1210T-8T Datasheet HTML 7Page - STMicroelectronics T1210T-8T Datasheet HTML 8Page - STMicroelectronics T1210T-8T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
November 2014
DocID026311 Rev 1
1/9
9
T1210T-8T
12 A logic level Triac
Datasheet
production data
Features
• Medium current Triac
• Three quadrants
• ECOPACK®2 compliant component
Applications
• General purpose AC line load switching
• Motor control circuits
• Small home appliances
• Lighting
• Inrush current limiting circuits
• Overvoltage crowbar protection
Description
Available in through-hole package, the
T1210T-8T Triac can be used for the on/off or
phase angle control function in general purpose
AC switching. This device can be directly driven
by a microcontroller due to its 10 mA gate current
requirement.
Table 1. Device summary
Symbol
Value
Unit
IT(rms)
12
A
VDRM, VRRM
800
V
VDSM, VRSM
900
V
IGT
10
mA
www.st.com


Similar Part No. - T1210T-8T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T1210T-8T ISC-T1210T-8T Datasheet
309Kb / 2P
   isc Thyristors
More results

Similar Description - T1210T-8T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1210T-8FP STMICROELECTRONICS-T1210T-8FP Datasheet
357Kb / 9P
   12 A logic level Triac
February 2015 Rev 2
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
   6 A logic level Triac
February 2015 Rev 2
T610T-8T STMICROELECTRONICS-T610T-8T Datasheet
314Kb / 9P
   6 A logic level Triac
November 2014 Rev 1
T810T-8FP STMICROELECTRONICS-T810T-8FP Datasheet
359Kb / 9P
   8 A logic level Triac
February 2015 Rev 2
T810T-8T STMICROELECTRONICS-T810T-8T Datasheet
317Kb / 9P
   8 A logic level Triac
November 2014 Rev 1
T405T-6FP STMICROELECTRONICS-T405T-6FP Datasheet
366Kb / 9P
   4 A logic level Triac
November 2016 Rev 1
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com