Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA1035HL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA1035HL
Description  High speed advanced analog DVD signal processor and laser supply
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1035HL Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA1035HL Datasheet HTML 1Page - NXP Semiconductors TZA1035HL Datasheet HTML 2Page - NXP Semiconductors TZA1035HL Datasheet HTML 3Page - NXP Semiconductors TZA1035HL Datasheet HTML 4Page - NXP Semiconductors TZA1035HL Datasheet HTML 5Page - NXP Semiconductors TZA1035HL Datasheet HTML 6Page - NXP Semiconductors TZA1035HL Datasheet HTML 7Page - NXP Semiconductors TZA1035HL Datasheet HTML 8Page - NXP Semiconductors TZA1035HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
2003 Jun 03
5
Philips Semiconductors
Preliminary specification
High speed advanced analog DVD signal
processor and laser supply
TZA1035HL
Notes
1. Input logic voltage level follows the supply voltage applied at pin VDDD3.
2. High FTC bandwidth is achieved when IS1 and IS2 > 1.5 µA.
Vi(RF)(FS)
input voltage on
pins A to D for full-scale at
output
at the appropriate signal
path gain setting
RF signal path
−−
600
mV
LF signal path
−−
700
mV
Vi(SUM)(dif)
differential input voltage
on pins RFSUMP and
RFSUMN
GRFSUM = −6dB
−−
1800
mV
VI(DC)
DC input voltage range on
pins RFSUMP and
RFSUMN
with respect to VSS
1.3
VDDA − 1.0
V
Vo(RF)(dif)(p-p)
differential output voltage
on pins RFP and RFN
(peak-to-peak value)
−−
1.4
V
VO(RF)(DC)
DC output voltage on
pins RFP and RFN
0.35
VDDA − 1.9
V
Vi(RFREF)(CM)
input reference voltage on
pin RFREF for common
mode output
0.8
1.2
2.1
V
Laser supply
Io(laser)(max)
maximum current output
to laser
−120
−−
mA
Vi(mon)
input voltage from laser
monitor diode
P-type monitor diode
LOW level voltage
VDDA4 − 0.155 −
V
HIGH level voltage
VDDA4 − 0.190 −
V
N-type monitor diode
LOW level voltage
0.155
V
HIGH level voltage
0.185
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TZA1035HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
   Laser driver and controller circuit
2002 May 06
TZA1032UK PHILIPS-TZA1032UK Datasheet
102Kb / 24P
   Laser driver and controller circuit
2002 May 06
TZA1038HW PHILIPS-TZA1038HW Datasheet
185Kb / 45P
   High speed advanced analog DVD signal processor and laser supply
2003 Sep 03
More results

Similar Description - TZA1035HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1038HW PHILIPS-TZA1038HW Datasheet
185Kb / 45P
   High speed advanced analog DVD signal processor and laser supply
2003 Sep 03
logo
Motorola, Inc
DSP56011 MOTOROLA-DSP56011 Datasheet
808Kb / 82P
   24-BIT DVD DIGITAL SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7407 STMICROELECTRONICS-TDA7407_07 Datasheet
647Kb / 46P
   Advanced car signal processor
TDA7400D STMICROELECTRONICS-TDA7400D Datasheet
275Kb / 28P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7407D STMICROELECTRONICS-TDA7407D Datasheet
899Kb / 34P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7400 STMICROELECTRONICS-TDA7400 Datasheet
209Kb / 28P
   ADVANCED CAR SIGNAL PROCESSOR
July 1999
logo
Microchip Technology
DSPIC33EP512MU814-IPL MICROCHIP-DSPIC33EP512MU814-IPL Datasheet
4Mb / 623P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EP256MU806 MICROCHIP-DSPIC33EP256MU806 Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
logo
STMicroelectronics
TDA7407 STMICROELECTRONICS-TDA7407 Datasheet
470Kb / 30P
   ADVANCED CAR SIGNAL PROCESSOR
June 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com