Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS110-7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics TS110-7 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
TS110-7
8/10
DocID022271 Rev 4
Figure 18. SMBflat-3L dimensions (definitions)
Figure 19. SMBflat-3L footprint dimensions
Table 6. SMBflat-3L dimensions (values)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
0.35
0.65
0.014
0.026
b4
1.95
2.20
0.07
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
L1
0.40
0.016
L2
0.60
0.024
e
1.60
0.063
D
A
L 2x
L
L2
L1
L1
L2 2x
E E1
b4
c
e
b 2x
millimeters
(inches)
1.20
(0.047)
2.07
(0.082)
0.51
(0.020)
0.51
(0.020)
1.20
(0.047)
3.44
(0.136)
5.84
(0.230)
2.07
(0.082)


Similar Part No. - TS110-7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
More results

Similar Description - TS110-7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
   1.25 A sensitive gate SCR
logo
Panasonic Semiconductor
DZ2J043M0L PANASONIC-DZ2J043M0L Datasheet
334Kb / 5P
   For constant voltage / For surge absorption circuit
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
   For surge absorption circuit
logo
Vishay Siliconix
VS-40TPSPBF VISHAY-VS-40TPSPBF Datasheet
201Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 14-Sep-17
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-40TPS16-M3 VISHAY-VS-40TPS16-M3 Datasheet
181Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 40 A
01-Jan-2022
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3 Datasheet
181Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 31-Jul-2018
VS-10TTS08PBF VISHAY-VS-10TTS08PBF Datasheet
191Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 10 A
Revision: 23-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com