Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U5ZA40C Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # U5ZA40C
Description  TOSHIBA Zener Diode Silicon Diffused-Junction Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U5ZA40C Datasheet(HTML) 2 Page - Toshiba Semiconductor

  U5ZA40C Datasheet HTML 1Page - Toshiba Semiconductor U5ZA40C Datasheet HTML 2Page - Toshiba Semiconductor U5ZA40C Datasheet HTML 3Page - Toshiba Semiconductor U5ZA40C Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
U5ZA40C
2003-02-17
2
Electrical Characteristics (Ta
==== 25°C)
Zener Voltage
VZ [V]
(IZ = 10 mA)
Operating
Resistance
rd [W]
(IZ = 10 mA)
Temperature
Coefficient
aT [mV/°C]
(IZ = 10 mA)
Forward
Voltage
VF [V]
(IF = 6 A)
Reverse
Current
IR [mA]
(VR = 32 V)
Type No.
Min
Typ.
Max
Max
Typ.
Max
Max
Max
U5ZA40C
36.0
40.0
44.0
30
31
49
1.2
10
Marking
Standard Soldering Pad
11.0
3.0
9.0
Unit: mm
Code
Type
40C
U5ZA40C
4 0 C
Year (last two number of the christian era)
Weekly code
Type code
Lot No.


Similar Part No. - U5ZA40C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
More results

Similar Description - U5ZA40C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA27C TOSHIBA-U5ZA27C Datasheet
135Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
1ZC18 TOSHIBA-1ZC18 Datasheet
114Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
   TOSHIBA Zener Diode Silicon Diffused Type
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
Toshiba Semiconductor
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
   Silicon Diffused-Junction Type Zener Diode
logo
KEC(Korea Electronics)
Z5W37V KEC-Z5W37V Datasheet
964Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z8W27V KEC-Z8W27V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z8W37V KEC-Z8W37V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com