Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFC8811R Datasheet(PDF) 1 Page - ON Semiconductor

Part # EFC8811R
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EFC8811R Datasheet(HTML) 1 Page - ON Semiconductor

  EFC8811R_16 Datasheet HTML 1Page - ON Semiconductor EFC8811R_16 Datasheet HTML 2Page - ON Semiconductor EFC8811R_16 Datasheet HTML 3Page - ON Semiconductor EFC8811R_16 Datasheet HTML 4Page - ON Semiconductor EFC8811R_16 Datasheet HTML 5Page - ON Semiconductor EFC8811R_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Publication Order Number :
EFC8811R/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
March 2016 - Rev. 0
EFC8811R
Power MOSFET
for 1-Cell Lithium-ion Battery Protection
12V, 3.2mΩ, 27A, Dual N-Channel
This Power MOSFET features a low on-state resistance. This device is
suitable for applications such as power switches of portable machines. Best
suited for 1-cell lithium-ion battery applications.
Features
 2.5V drive
 2kV ESD HBM
 Common-Drain Type
 ESD Diode-Protected Gate
 Pb-Free, Halogen Free and RoHS compliance
Applications
 1-Cell Lithium-ion Battery Charging and Discharging Switch
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25
C (Note 1)
Parameter
Symbol
Value
Unit
Source to Source Voltage
VSSS
12
V
Gate to Source Voltage
VGSS
8
V
Source Current (DC)
IS
27
A
Source Current (Pulse)
PW
100s, duty cycle1%
ISP
100
A
Total Dissipation
Surface mounted on ceramic substrate
(5000mm
2  0.8mm)
PT
2.5
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction to Ambient
Surface mounted on ceramic substrate
(5000mm
2  0.8mm)
RJA
50
C/W
ELECTRICAL CONNECTION
N-Channel
ML
LOT No.
ORDERING INFORMATION
See detailed ordering and shipping
information on page 6 of this data sheet.
VSSS
RSS(on) Max
IS Max
12V
3.2mΩ@ 4.5V
27A
3.2mΩ@ 4.0V
3.2mΩ@ 3.8V
4.4mΩ@ 3.1V
6.3mΩ@ 2.5V
MARKING
CSP6, 1.77x3.54 /
EFCP3517-6DGH-020
4, 6
1, 3
5
2
Rg=200
Ω
Rg
Rg
1 : Source1
2 : Gate1
3 : Source1
4 : Source2
5 : Gate2
6 : Source2


Similar Part No. - EFC8811R_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EFC8811R-TF ONSEMI-EFC8811R-TF Datasheet
479Kb / 6P
   Dual N-Channel Power MOSFET
October 2015 - Rev. P1
More results

Similar Description - EFC8811R_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com