Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5974D Datasheet(PDF) 5 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 5 Page - STMicroelectronics

  A5974D Datasheet HTML 1Page - STMicroelectronics A5974D Datasheet HTML 2Page - STMicroelectronics A5974D Datasheet HTML 3Page - STMicroelectronics A5974D Datasheet HTML 4Page - STMicroelectronics A5974D Datasheet HTML 5Page - STMicroelectronics A5974D Datasheet HTML 6Page - STMicroelectronics A5974D Datasheet HTML 7Page - STMicroelectronics A5974D Datasheet HTML 8Page - STMicroelectronics A5974D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DocID018774 Rev 2
5/46
A5974D
Electrical data
46
2
Electrical data
2.1
Maximum ratings
2.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V8
Input voltage
40
V
V1
OUT pin DC voltage
OUT pin peak voltage at
t = 0.1 s
-1 to 40
-5 to 40
V
V
I1
Maximum output current
Int. limit.
V4, V5
Analog pins
4
V
V3
INH
-0.3 to VCC
V
V2
SYNCH
-0.3 to 4
V
PTOT
Power dissipation at TA 60 °C
2.25
W
TJ
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction ambient
40(1)
1. Package mounted on evaluation board.
°C/W


Similar Part No. - A5974D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
   Zero load current operation
April 2011 Rev 1
More results

Similar Description - A5974D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
   Zero load current operation
April 2011 Rev 1
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
   Zero load current operation
November 2010 Rev 9
logo
M/A-COM Technology Solu...
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
   Zero Bias Operation
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
   Regulation to zero load
logo
Wall Industries,Inc.
FA12S43-250 WALL-FA12S43-250 Datasheet
180Kb / 4P
   Operation to No Load
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
   Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Lite-On Technology Corp...
LTL916SYKSA LITEON-LTL916SYKSA Datasheet
616Kb / 13P
   High Current Operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com