Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9649BCPZ-20 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9649BCPZ-20
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649BCPZ-20 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9649BCPZ-20 Datasheet HTML 2Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 3Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 4Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 5Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 6Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 7Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 8Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 9Page - Analog Devices AD9649BCPZ-20 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
AD9649
Rev. B | Page 5 of 32
AC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9649-20/AD9649-40
AD9649-65
AD9649-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
74.7
74.5
74.3
dBFS
fIN = 30.5 MHz
25°C
74.4
74.3
74.1
dBFS
Full
73.1
73.6
dBFS
fIN = 70 MHz
25°C
73.7
73.7
73.6
dBFS
Full
72.7
dBFS
fIN = 200 MHz
25°C
71.5
71.5
71.5
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
74.6
74.4
74.1
dBFS
fIN = 30.5 MHz
25°C
74.3
74.2
74.0
dBFS
Full
73.0
73.5
dBFS
fIN = 70 MHz
25°C
73.6
73.6
73.5
dBFS
Full
72.6
dBFS
fIN = 200 MHz
25°C
70.0
70.0
70.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.0
12.0
12.0
Bits
fIN = 30.5 MHz
25°C
12.0
12.0
12.0
Bits
fIN = 70 MHz
25°C
11.9
11.9
11.9
Bits
fIN = 200 MHz
25°C
11.3
11.3
11.3
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−95
−95
−93
dBc
fIN = 30.5 MHz
25°C
−95
−95
−93
dBc
Full
−82
−83
dBc
fIN = 70 MHz
25°C
−94
−94
−92
dBc
Full
−82
dBc
fIN = 200 MHz
25°C
−80
−80
−80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
95
95
93
dBc
fIN = 30.5 MHz
25°C
94
94
93
dBc
Full
82
83
dBc
fIN = 70 MHz
25°C
93
93
92
dBc
Full
82
dBc
fIN = 200 MHz
25°C
80
80
80
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−100
−100
−100
dBc
fIN = 30.5 MHz
25°C
−100
−100
−100
dBc
Full
−90
−90
dBc
fIN = 70 MHz
25°C
−100
−100
−100
dBc
Full
−90
dBc
fIN = 200 MHz
25°C
−95
−95
−95
dBc
TWO-TONE SFDR
fIN = 30.5 MHz (−7 dBFS), 32.5 MHz (−7 dBFS)
25°C
90
90
90
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.


Similar Part No. - AD9649BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9649BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com