Electronic Components Datasheet Search |
|
CRN314SU103JAB Datasheet(PDF) 1 Page - American Accurate Components, Inc. |
|
CRN314SU103JAB Datasheet(HTML) 1 Page - American Accurate Components, Inc. |
1 / 5 page American Accurate Components, Inc. Resistor Arrays & Networks 188 Technolgoy Drive, Unit H Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 Email: sales@aacix.com 1 HOW TO ORDER CRN16 8 SU 103 J A M Packaging M = 7” Reel, B = Bulk Terminal Style A = Convex Round B = Concave C = Convex Square Resistance Tolerance J = +5%, F = +1% Resistance Value 2 sig. fig & 1 multiplier +5% 3 sig. fig & 1 multiplier +1% Circuit Type/Pattern Refer to Circuit Schematic V , SU, or SC Resistors 2, 4, 8, 15 Series CRN06 = 0.6mm Width CRN10 = 1.0mm CRN16 = 1.6mm CRN21 = 2.1mm CRN31 = 3.1mm CRN76 = 7.6mm ELECTRICAL SPECIFICATIONS SMALL/STANDARD SIZE Series Resistor/Pin Circuit Terminal Resistance (ohm) Tolerance Power Rating* Voltage Operating Temperature Working Overload CRN06-2V 2 4 Isolated C 10- 1M ± 5% 0.031W 25V 50V -55°C ~ +125°C CRN10-2V 2 4 Isolated C 10- 1M ± 5% 0.063W 25V 50V -55°C ~ +125°C CRN10-4V 4 8 Isolated B, C 10- 1M ± 1%, ±5% 0.063W 25V 50V -55°C ~ +125°C CRN16-2V 2 4 Isolated B, C 0, 10- 1M ± 5% 0.063W 50V 100V -55°C ~ +125°C CRN16-4V 4 8 Isolated A, B, C 0, 10- 1M ± 1%, ±2%, ±5% 0.063W 50V 100V -55°C ~ +125°C CRN16-8V 8 16 Isolated C 0, 10- 1M ± 1%, ±5% 0.031W 25V 50V -55°C ~ +125°C CRN16-8SU 8 10 Bussed C 0, 10- 1M ± 5% 0.031W 25V 50V -55°C ~ +125°C CRN21-8SC 8 10 Bussed B 0, 10- 1M ± 5% 0.063W 25V 50V -55°C ~ +125°C * Power rating is @ 70°C ELECTRICAL SPECIFICATIONS STANDARD/LARGE SIZE CRN31-4V 4 8 Isolated A, B, C 0, 10- 1M ± 1%, ±2%, ±5% 0.125W 50V 100V -55°C ~ +125°C CRN31-8SU 8 10 Bussed B, C 0, 10- 1M ± 1%, ±2%, ±5% 0.063W 50V 100V -55°C ~ +125°C CRN31-8V 8 16 Isolated A 0, 10- 1M ± 5% 0.063W 50V 100V -55°C ~ +125°C CRN31-15SU 15 16 Bussed A 0, 10- 1M ± 5% 0.063W 50V 100V -55°C ~ +125°C CRN76-8V 8 16 Isolated A 0, 10- 1M ± 5% 0.125W 50V 100V -55°C ~ +125°C CRN76-15SU 15 16 Bussed A 0, 10- 1M ± 5% 0.063W 50V 100V -55°C ~ +125°C * Power rating is @ 70°C FEATURES Single Component reduces board space and component count Resistance Tolerances of +5%, +2%, and +1% Convex and Concave Termination Isolated and Bussed Circuitry Flow Solderable RoHS Compliant Sn Termination CONSTRUCTION |
Similar Part No. - CRN314SU103JAB |
|
Similar Description - CRN314SU103JAB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |