Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC283TD-5 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC283TD-5
Description  LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC283TD-5 Datasheet(HTML) 5 Page - Texas Instruments

  UCC283TD-5 Datasheet HTML 1Page - Texas Instruments UCC283TD-5 Datasheet HTML 2Page - Texas Instruments UCC283TD-5 Datasheet HTML 3Page - Texas Instruments UCC283TD-5 Datasheet HTML 4Page - Texas Instruments UCC283TD-5 Datasheet HTML 5Page - Texas Instruments UCC283TD-5 Datasheet HTML 6Page - Texas Instruments UCC283TD-5 Datasheet HTML 7Page - Texas Instruments UCC283TD-5 Datasheet HTML 8Page - Texas Instruments UCC283TD-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin descriptions
ADJ: Adjust pin for the UCC283−ADJ version only. Feedback pin for the linear regulator. Program the output
voltage with R1 connected from ADJ to GND and R2 connected from VOUT to ADJ. Output voltage is given
by:
V
OUT +
1.25 V
(R1
) R2)
R1
CT: Short-circuit timing capacitor and shutdown input for the UCC283−ADJ version. Pulling CT below 0.25 V
turns off the regulator and places it in a low quiescent-current mode. A timing capacitor, C, from CT to GND
programs the duration of the pulsed short-circuit on-time. On-time, tON, is approximately given by:
t
ON +
750 k
C
GND: Reference ground.
VIN: Input voltage, This pin must be bypassed with a low ESL/ESR 1-
µF or larger capacitor to GND. VIN can
range from (VOUT + VDROPOUT) to 9 V. If VIN is reduced to zero while VOUT is held high, the reverse leakage
from VOUT to VIN is less than 75
µA.
VOUT: Regulated output voltage. A bypass capacitor is not required at VOUT, but may be desired for good
transient response. The bypass capacitor must not exceed a maximum value in order to insure the regulator
can start.
APPLICATION INFORMATION
overview
The UCC383 family of low dropout linear (LDO) regulators provide a regulated output voltage for applications
with up to 3 A of load current. The regulators feature a low dropout voltage and short-circuit protection, making
their use ideal for demanding high-current applications requiring fault protection.
short-circuit-protection
The UCC383 provides unique short-circuit protection circuitry that reduces power dissipation during a fault.
When an overload situation is detected, the device enters a pulsed mode of operation at 3% duty cycle reducing
the heat sink requirements during a fault. The UCC383 has two current thresholds that determine its behavior
during a fault as shown in Figure 1. When the regulator current exceeds the overcurrent threshold for a period
longer than tON, the UCC383 shuts off for a period (tOFF) which is 32 × tON. During an overload, the regulator
actively limits the maximum current to the peak current limit value. The peak current limit is nominally 3 A
greater than the overcurrent threshold. The regulator continues in pulsed mode until the fault is cleared as
illustrated in Figure 1.


Similar Part No. - UCC283TD-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283TD-ADJ TI1-UCC283TD-ADJ Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283TD-ADJ TI1-UCC283TD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283TD-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com