Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC283T-5 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC283T-5
Description  LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC283T-5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC283T-5 Datasheet HTML 2Page - Texas Instruments UCC283T-5 Datasheet HTML 3Page - Texas Instruments UCC283T-5 Datasheet HTML 4Page - Texas Instruments UCC283T-5 Datasheet HTML 5Page - Texas Instruments UCC283T-5 Datasheet HTML 6Page - Texas Instruments UCC283T-5 Datasheet HTML 7Page - Texas Instruments UCC283T-5 Datasheet HTML 8Page - Texas Instruments UCC283T-5 Datasheet HTML 9Page - Texas Instruments UCC283T-5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
PEAK
CURRENT
LIMIT
OVER−
CURRENT
THRESHOLD
OVERLOAD
OUTPUT
CURRENT
IO (NOM)
VO(NOM)
ROLICL
OUTPUT
VOLTAGE
TON
TON
32 TON
32 TON
TON
32 TON
Figure 1. UCC383 Short-Circuit Timing
A capacitive load on the regulator’s output appears as a short-circuit during start-up. If the capacitance is too
large, the output voltage does not come into regulation during the initial tON period and the UCC383 enters
pulsed mode operation. The peak current limit, tON period, and load characteristics determine the maximum
value of output capacitor that can be charged. For a constant current load the maximum output capacitance is
given as follows:
C
OUT(max) +
I
CL *
I
LOAD
t
ON
V
OUT
Farads
For worst case calculations, the minimum values of on time (tON) and peak current limit (ICL) should be used.
The adjustable version allows the tON time to be adjusted with a capacitor on the CT pin:
t
ON(adj) +
750, 000
C (
m Farad) microseconds
For a resistive load (RLOAD) the maximum output capacitor can be estimated from:
C
OUT(max) +
t
ON(sec)
R
LOAD
n
1
1
*
VOUT
I
CL
R
LOAD
Farads
(1)
(2)
(3)


Similar Part No. - UCC283T-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283T-5 TI1-UCC283T-5 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283T-5 TI1-UCC283T-5 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283T-5G3 TI1-UCC283T-5G3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283T-5G3 TI1-UCC283T-5G3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283T-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com