Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23826-H18-C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # V23826-H18-C
Description  Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-H18-C Datasheet(HTML) 5 Page - Infineon Technologies AG

  V23826-H18-C Datasheet HTML 1Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 2Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 3Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 4Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 5Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 6Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 7Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 8Page - Infineon Technologies AG V23826-H18-C Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fiber Optics
V23826-H18-C316/356/366/376, SM 622MBd ATM/SDH/SONET 1x9 Trx, ext.temp.R.
5
APPLICATION NOTE
Single Mode 622 MBd ATM 1x9 Transceiver, DC/DC Version
3.3 V-Transceivers can be directly connected to SerDes-Chips
using standard PECL Termination network.
Value of R1...R4 may vary as long as proper 50
Ω termination to
VEE or 100 Ω differential is provided. The power supply filtering
is required for good EMI performance. Use short tracks from
the inductor L1/L2 to the module VCCRx/VCCTx. Further applica-
tion notes for electrical interfacing are available upon request.
Ask for Appnote 82.
We strongly recommend a VEE plane under the module for get-
ting good EMI performance.
The transceiver contains an automatic shutdown circuit. Reset
is only possible if the power is turned off, and then on again.
(VCCTx switched below VTH).
Application Board available on request.
C7
C6
Laser
Driver
Signal
Detect
Limiting
Amplifier
Pre-
Amp
RD-
RD+
Tx+
Tx-
Serializer/
Deserializer
RD-
ECL/PECL
Driver
Receiver
PLL etc.
Infineon Transceiver
V23826-H18-C366
DC/DC Option
1
2
3
4
5
6
7
8
9
SD to upper level
TxVEE
TxD
TxD
VCCTx
VCCRx
SD
RxD
RxD
RxVEE
VCC
L1
L2
C2
C1
R9
C3
C4
C5
VCC SerDes
3.3 V
VCC
3.3 V
RD+
C1/2/3
= 4.7 µF
C4/5/6/7 = 100 nF
L1/2
= 1 µH
R10/11
= 127
Ω (3.3 V)
(depends on SerDes chip used)
R7/8
= 82
Ω (3.3 V)
(depends on SerDes chip used)
R5/6
= 150
Ω (3.3 V)
R9
= 270
Ω (3.3 V)
Place R1/2/3/4 close to SerDes chip, depends on
SerDes chip used, see application note of SerDes supplier.
Place R7/8/10/11 close to Infineon Transceiver.


Similar Part No. - V23826-H18-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C363 INFINEON-V23826-H18-C363 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
More results

Similar Description - V23826-H18-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
V23826-C18-C64 INFINEON-V23826-C18-C64 Datasheet
413Kb / 15P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-T63 INFINEON-V23826-C18-T63 Datasheet
273Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-C18-T64 INFINEON-V23826-C18-T64 Datasheet
275Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com