Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3030PT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # MBR3030PT
Description  High Tjm Low IRRM Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR3030PT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  MBR3030PT Datasheet HTML 1Page - Sirectifier Semiconductors MBR3030PT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3030PT thru MBR3045PT
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=125 C
IFSM
Maximum Ratings
30
200
A
A
Unit
o
Maximum Forward
Voltage (Note 1)
IF=20A @TJ=25 C
IF=20A @TJ=125 C
IF=30A @TJ=25 C
IF=30A @TJ=125 C
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
CJ
Typical Junction Capacitance Per Element (Note 3)
TJ
Operating Temperature Range
-
0.60
0.76
0.72
1
60
1.4
500
-55 to +150
-55 to +175
V
mA
pF
o
o
o
o
o
Typical Thermal Resistance (Note 2)
ROJC
C/W
o
C
o
NOTES: 1. 300us Pulse Width, Duty Cycle 2%.
2. Thermal Resistance Junction To Case.
3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
o
High Tjm Low IRRM Schottky Barrier Diodes
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
dv/dt
Voltage Rate Of Change (Rated VR)
10000
V/us
C
o
TSTG
Storage Temperature Range
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-247AD molded plastic
* Polarity: As marked on the body
* Weight: 6 grams
* Mounting position: Any
MBR3030PT
MBR3035PT
MBR3040PT
MBR3045PT
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min. Max. Min.
Max.
A
19.81 20.32 0.780 0.800
B
20.80 21.46 0.819 0.845
C
15.75 16.26 0.610 0.640
D
3.55
3.65 0.140 0.144
E
4.32
5.49 0.170 0.216
F
5.4
6.2 0.212 0.244
G
1.65
2.13 0.065 0.084
H
-
4.5 -
0.177
J
1.0
1.4 0.040 0.055
K
10.8
11.0 0.426 0.433
L
4.7
5.3 0.185 0.209
M
0.4
0.8 0.016 0.031
N
1.5
2.49 0.087 0.102
* RoHS compliant
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - MBR3030PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
MBR3030PT DIODES-MBR3030PT Datasheet
62Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. 8 - 2
logo
Micro Commercial Compon...
MBR3030PT MCC-MBR3030PT Datasheet
1Mb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Pan Jit International I...
MBR3030PT PANJIT-MBR3030PT Datasheet
41Kb / 2P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR3030PT BILIN-MBR3030PT Datasheet
312Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR3030PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR2530CT SIRECTIFIER-MBR2530CT_16 Datasheet
92Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR3050CT SIRECTIFIER-MBR3050CT_16 Datasheet
93Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR870L SIRECTIFIER-MBR870L_16 Datasheet
89Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR60100PT SIRECTIFIER-MBR60100PT Datasheet
136Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR10150CT SIRECTIFIER-MBR10150CT_16 Datasheet
166Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1670CT SIRECTIFIER-MBR1670CT_16 Datasheet
91Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR850 SIRECTIFIER-MBR850_16 Datasheet
90Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1030CT SIRECTIFIER-MBR1030CT_16 Datasheet
94Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR40100PT SIRECTIFIER-MBR40100PT_16 Datasheet
200Kb / 3P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR20150CT SIRECTIFIER-MBR20150CT_16 Datasheet
179Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1070 SIRECTIFIER-MBR1070_16 Datasheet
112Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com