Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR840 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # MBR840
Description  High Tjm Low IRRM Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR840 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  MBR840 Datasheet HTML 1Page - Sirectifier Semiconductors MBR840 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR830 thru MBR845
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=125 C
IFSM
Maximum Ratings
8
150
A
A
Unit
o
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
CJ
Typical Junction Capacitance (Note 3)
TJ
Operating Temperature Range
0.1
15
3.0
250
-55 to +150
-55 to +175
mA
pF
o
o
Typical Thermal Resistance (Note 2)
ROJC
C/W
o
C
o
NOTES: 1. 300us Pulse Width, Duty Cycle 2%.
2. Thermal Resistance Junction To Case.
3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
High Tjm Low IRRM Schottky Barrier Diodes
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
Milimeter
Min.
Max.
12.70 14.73
14.23 16.51
9.66 10.66
3.54
4.08
5.85
6.85
2.54
3.42
1.15
1.77
-
6.35
0.64
0.89
4.83
5.33
3.56
4.82
0.38
0.56
2.04
2.49
0.64
1.39
Inches
Min.
Max.
0.500 0.580
0.560 0.650
0.380 0.420
0.139 0.161
2.300 0.420
0.100 0.135
0.045 0.070
-
0.250
0.025 0.035
0.190 0.210
0.140 0.190
0.015 0.022
0.080 0.115
0.025 0.055
Dimensions TO-220AC
C
A
MBR830
MBR835
MBR840
MBR845
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
A=Anode, C=Cathode, TAB=Cathode
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
dv/dt
Voltage Rate Of Change (Rated VR)
10000
V/us
C
o
TSTG
Storage Temperature Range
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AC molded plastic
* Polarity: As marked on the body
* Weight: 2 grams
* Mounting position: Any
Maximum Forward
Voltage (Note 1)
IF=8A
@TJ=125 C
IF=8A
@TJ=25 C
IF=16A @TJ=25 C
VF
0.57
0.70
0.84
V
o
o
o
C(TAB)
* RoHS compliant
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - MBR840

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR840 DIODES-MBR840 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier
logo
ON Semiconductor
MBR840 ONSEMI-MBR840 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Unisonic Technologies
MBR840 UTC-MBR840 Datasheet
133Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR840 BILIN-MBR840 Datasheet
200Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR840

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR2530CT SIRECTIFIER-MBR2530CT_16 Datasheet
92Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR3050CT SIRECTIFIER-MBR3050CT_16 Datasheet
93Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR870L SIRECTIFIER-MBR870L_16 Datasheet
89Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR60100PT SIRECTIFIER-MBR60100PT Datasheet
136Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR10150CT SIRECTIFIER-MBR10150CT_16 Datasheet
166Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1670CT SIRECTIFIER-MBR1670CT_16 Datasheet
91Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR850 SIRECTIFIER-MBR850_16 Datasheet
90Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1030CT SIRECTIFIER-MBR1030CT_16 Datasheet
94Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR40100PT SIRECTIFIER-MBR40100PT_16 Datasheet
200Kb / 3P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR20150CT SIRECTIFIER-MBR20150CT_16 Datasheet
179Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1070 SIRECTIFIER-MBR1070_16 Datasheet
112Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com