Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7937 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7937
Description  Single Supply 2.5Gb/s Voltage Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7937 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7937 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7937
Single Supply 2.5Gb/s Voltage Driver
Page 2
G52200-0, Rev 3.0
03/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Electrical Characteristics
Table 1: High-Speed Inputs and ECL Outputs
VSS = -5.2V, RL = 50Ω at IOUT pin
NOTE: (1) 100mA when RL = 30Ω at (N) OUT pin.
Table 2: DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIN
Single-Ended Input Voltage Swing
300
1500
mVp-p
VCM = -2.0V
VCM
Differential Input Common-Mode Range
-2.3
-1.3
V
VSS = -5.2V
VOH
ECL Output HIGH Voltage
-1200
——
mV
50
Ω to -2.0V
VOL
ECL Output LOW Voltage
——
-1600
mV
50
Ω to -2.0V
VIN
On-Chip Terminations
35
65
INOUT
Maximum Peak Current
(1)
60
——
mA
VIP = VSS + 1.4V
VIB1 = -5.2V
VIB2 = -5.2V
DIN = LOW
INOUT
Maximum Peak Current
——
4mA
VIP = -4.1V
VIB1 = -5.2V
VIB2 = -5.2V
DIN = HIGH
tR, tF
Rise and Fall Times
——
100
ps
20% to 80%
VOUT
Output Voltage
——
-3.0
V
VIP = -4.1V
VIB1 = -5.2V
VIB2 = -5.2V
DIN = LOW
tSU
Set-up Time - Data to CLK
20
50
ps
tH
Hold Time
50
90
ps
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VSS
Power Supply Voltage
-5.5
-5.2
-4.75
V
IBIAS1,
IBIAS2
Maximum Bias Current
30
——
mA
VIB1, 2 = VSS + 1.8V
VIP = -5.2V
VDCC
Duty-Cycle Control Voltage
VSS
VSS +
3V
V
VIH
HIGH Level Input Voltage
-1.15
-0.9
-0.8
V
VREF = 1.3V
VIL
LOW Level Input Voltage
-1.7
-1.45
V
VREF = 1.3V
VIB1, VIB2
BIAS Control Voltage
VSS
VSS
+1.8
V
VIP
Modulation Control Voltage
VSS
VSS
+1.4
V


Similar Part No. - VSC7937

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7938R0 VITESSE-VSC7938R0 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7938W VITESSE-VSC7938W Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
VSC7939RP VITESSE-VSC7939RP Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results

Similar Description - VSC7937

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
   FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
   5.0V 2.5Gb/s TIA
logo
Vitesse Semiconductor C...
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
   2.5Gb/s, 20-Bit Transceiver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
   2.5Gb/s APD preamp Mini-DIL receiver
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Source Photonics, Inc.
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
   614.4M-2.5Gb/s bi-directional data links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com